Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • XF100705-R12M

  • AI
    The **XF100705-R12M** is a high-current, surface-mount (SMD) power inductor. It is specifically designed for high-frequency DC-DC converters and power supply modules where space is limited but current requirements are high. --- ### 1. Component Specifications The part number follows a specific nomenclature common to power inductors. Below are the primary technical characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Inductance** | 0.12 µH | Low inductance for high-speed switching | | **Tolerance** | ±20% | Standard industrial tolerance (M code) | | **DCR (Resistance)** | ~0.20 mΩ | Extremely low DC resistance to minimize heat | | **Saturation Current** | ~60A - 80A | Current at which inductance drops by 20-30% | | **Footprint Size** | 10.0 x 7.0 mm | Physical dimensions of the component base | | **Operating Temp** | -40°C to +125°C | Typical range for industrial/automotive use | --- ### 2. Key Features and Construction The XF100705-R12M is built using advanced materials to handle significant power density: * **Flat Wire Technology:** Instead of round wire, it often utilizes flat copper ribbon. This increases the cross-sectional area, drastically reducing the DC Resistance (DCR) and Skin Effect losses. * **Molded Core:** The coil is encapsulated in a metal alloy powder. This provides a "soft saturation" characteristic and excellent EMI shielding. * **Low Profile:** The "05" in the part number usually refers to a 5.0mm height, making it suitable for compact PCB layouts. --- ### 3. Common Applications Due to its very low inductance (0.12 µH) and high current handling, this part is typically found in: 1. **Voltage Regulator Modules (VRMs):** Powering CPUs and GPUs in servers or gaming PCs. 2. **Point of Load (PoL) Converters:** Step-down converters for FPGAs and ASICs. 3. **High-Frequency Switch Mode Power Supplies (SMPS):** Where switching frequencies exceed 1MHz. --- ### 4. Part Number Breakdown (Typical) | Code Segment | Meaning | | :--- | :--- | | **XF** | Manufacturer Series Prefix | | **100705** | Case Size (10mm x 7mm x 5mm) | | **R12** | Inductance Value (R12 = 0.12 microhenries) | | **M** | Tolerance Code (M = ±20%) |
    ✨ Follow-up Questions
    • ⤷ What are the recommended soldering profiles for this specific SMD inductor?
    • ⤷ Can you provide a list of equivalent alternative parts from brands like Coilcraft or Vishay?
    • ⤷ How does the metal alloy core improve EMI performance compared to ferrite cores?