Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • XF100705A-R22M

  • AI
    The **XF100705A-R22M** is a high-current, surface-mount (SMD) power inductor. These components are typically used in DC-DC converters, voltage regulator modules (VRM), and high-frequency power supplies where efficiency and compact size are critical. --- ### 1. Technical Specifications Based on the standard nomenclature for this series, here are the primary technical characteristics: | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.22 µH (Microhenries) | | **Tolerance** | ±20% (indicated by 'M') | | **DC Resistance (DCR)** | Extremely Low (typically < 1.0 mΩ) | | **Saturation Current ($I_{sat}$)** | High (typically 40A - 60A range) | | **Operating Temperature** | -40°C to +125°C | | **Mounting Type** | Surface Mount (SMD/SMT) | --- ### 2. Part Number Breakdown Understanding the code helps in identifying the physical and electrical constraints of the part: * **XF**: Usually refers to the manufacturer's series prefix (often associated with high-current molded power inductors). * **100705**: Represents the physical dimensions. Usually, this implies a footprint of approximately **10.0mm x 7.0mm** with a height of **5.0mm**. * **A**: Designates the revision or specific material composition (e.g., alloy powder core). * **R22**: The inductance value. "R" acts as a decimal point. **R22 = 0.22 µH**. * **M**: The tolerance code. **M = ±20%**. --- ### 3. Key Features * **Shielded Construction:** These inductors are usually magnetically shielded (molded) to minimize Electromagnetic Interference (EMI) with surrounding components. * **High Saturation:** Designed to maintain inductance even under very high current loads without "saturating" (losing magnetic properties). * **Low Core Loss:** Uses metal alloy powder which provides better efficiency at high switching frequencies compared to traditional ferrite cores. * **Soft Saturation:** Unlike ferrite inductors that drop inductance sharply, these molded types have a "soft" roll-off, making the circuit more stable during current spikes. --- ### 4. Common Applications This specific inductor is found in high-demand power circuits: 1. **Graphics Cards (GPUs):** Used in the multi-phase VRMs to provide stable current to the processor. 2. **Server Motherboards:** High-efficiency power delivery for CPUs. 3. **Laptops/Portable Electronics:** In the main buck converters where space is limited but current demand is high. 4. **Telecom Equipment:** Distributed power systems and base stations.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the XF100705A-R22M?
    • ⤷ How does the 'R22' inductance value affect the ripple current in a buck converter?
    • ⤷ What is the difference between this metal alloy inductor and a traditional ferrite inductor?