Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • XFHCL-R47

  • AI
    The **XFHCL-R47** is a high-current, surface-mount (SMD) power inductor commonly used in DC-DC converter applications. It belongs to a class of molded power inductors designed for high density and high efficiency. --- ### 1. Technical Specifications The part number typically decodes into specific electrical characteristics. Below are the standard specifications for an "R47" (0.47µH) inductor in this series: | Parameter | Value | | :--- | :--- | | **Inductance** | 0.47 µH | | **Tolerance** | ±20% (Standard) | | **DC Resistance (DCR)** | ~1.5 mΩ to 4.0 mΩ (Typical) | | **Saturation Current (Isat)** | 15A – 30A (Size dependent) | | **Temperature Rise Current (Irms)** | 10A – 20A (Size dependent) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Key Physical Features * **Molded Construction:** The coil is encapsulated in a metal iron powder composite. This provides "soft" saturation characteristics and reduces acoustic noise (buzzing). * **Magnetic Shielding:** The design is inherently shielded, which minimizes electromagnetic interference (EMI) with surrounding components. * **Low Profile:** These parts are usually designed with a small footprint (e.g., 5x5mm or 6x6mm) and a low height to fit into slim electronic devices. --- ### 3. Applications The **XFHCL-R47** is primarily used in power management stages where high current and fast switching are required: 1. **Voltage Regulator Modules (VRM):** Used in CPUs and GPUs to handle rapid load changes. 2. **DC-DC Buck Converters:** Found in laptops, tablets, and smartphones to step down battery voltage. 3. **POL (Point of Load) Supplies:** Distributed power systems in telecommunications. 4. **LED Drivers:** Providing stable current for high-brightness lighting. --- ### 4. Comparison: Why use 0.47µH? In power electronics, a lower inductance value like **0.47µH (R47)** is chosen over higher values (like 2.2µH) for the following reasons: * **Faster Transient Response:** Allows the power supply to react quicker to sudden changes in current demand. * **Higher Switching Frequency:** Smaller inductors are better suited for power supplies operating in the 500kHz to 2MHz range. * **Higher Current Handling:** Typically, for the same package size, a lower inductance value allows for a thicker wire and higher saturation current.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Isat and Irms in this inductor?
    • ⤷ How does the metal powder core affect EMI performance?
    • ⤷ Can this inductor be used in automotive applications?