Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • XFHCL-R47M

  • AI
    ## Overview of XFHCL-R47M The **XFHCL-R47M** is a high-performance **Surface Mount Device (SMD) Power Inductor**. It is specifically designed for high-current applications where stability, efficiency, and a small footprint are critical. These inductors are commonly used in DC-DC converters and power management modules. --- ### Technical Specifications The following table outlines the key electrical and physical characteristics of the component: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Inductance** | 0.47 µH | Nominal inductance value | | **Tolerance** | ±20% (M) | Standard industry tolerance | | **DCR (DC Resistance)** | Low (mΩ range) | Minimizes power loss as heat | | **Saturation Current** | High | Maintains inductance under high load | | **Mounting Type** | SMD/SMT | Surface mount technology | | **Core Material** | Composite/Metal | Designed for low EMI and high saturation | --- ### Key Features * **Shielded Construction:** Features a magnetic shield to reduce Electromagnetic Interference (EMI), making it suitable for noise-sensitive circuits. * **High Current Handling:** Capable of managing significant peak currents without saturating (losing its inductive properties). * **Thermal Stability:** Designed to operate efficiently across a wide temperature range, typically from -40°C to +125°C. * **Compact Profile:** Low-profile height makes it ideal for thin electronic devices like tablets and laptops. --- ### Common Applications The XFHCL-R47M is typically found in the following power stages: 1. **Voltage Regulator Modules (VRM):** Used in CPU and GPU power supplies. 2. **DC-DC Converters:** Buck, Boost, and Buck-Boost converters for battery-powered devices. 3. **Consumer Electronics:** Smartphones, tablets, and wearable technology. 4. **Industrial Systems:** Distributed power systems and embedded computing. --- ### Typical Circuit Integration In a standard Buck Converter circuit, the inductor is placed in series with the output to smooth out the current ripples from the switching MOSFETs. ```text Input (Vin) ---- [Switching MOSFET] ----+---- [Inductor: XFHCL-R47M] ---- Output (Vout) | [Freewheeling Diode] | Ground ``` ---
    ✨ Follow-up Questions
    • ⤷What is the exact saturation current rating for the XFHCL-R47M?
    • ⤷ Are there recommended alternative parts with similar footprints?
    • ⤷ How does the core material affect the EMI performance of this inductor?