Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • XFHCL4LP-R33M

  • AI
    The **XFHCL4LP-R33M** is a high-performance, surface-mount (SMD) power inductor commonly used in DC-DC converter circuits. It belongs to a category of "Molded Power Inductors," which are known for their compact size and high current handling capabilities. --- ### 1. Key Technical Specifications Based on the part number nomenclature (specifically the "R33M" suffix), here are the primary electrical characteristics: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Inductance** | 0.33 µH | Low inductance for high-frequency switching | | **Tolerance** | ±20% | Indicated by the "M" suffix | | **DC Resistance (DCR)** | ~2.0 to 4.5 mΩ | Typical range (Max value varies by exact series) | | **Saturation Current ($I_{sat}$)** | High (15A - 25A range) | Current at which inductance drops by 30% | | **Operating Temp** | -40°C to +125°C | Standard industrial grade | --- ### 2. Part Number Breakdown Understanding the code helps in identifying the physical and electrical constraints of the component: * **XFHCL**: Series identifier (usually refers to a shielded, low-profile molded inductor). * **4LP**: Size/Form Factor code (Low Profile). * **R33**: Inductance value (0.33 microhenries). * **M**: Tolerance code (±20%). --- ### 3. Construction and Material The XFHCL series typically utilizes a **Molded Iron Powder** construction. This offers several advantages over traditional wire-wound ferrite core inductors: * **Magnetic Shielding:** The molded body acts as a natural shield, reducing Electromagnetic Interference (EMI). * **Soft Saturation:** Unlike ferrite cores that drop inductance sharply when over-currented, iron powder cores saturate gracefully. * **Low DCR:** Large cross-sectional wire area inside the mold reduces power loss (heat). --- ### 4. Typical Applications This specific inductor is designed for high-efficiency power management in space-constrained environments: 1. **Voltage Regulator Modules (VRM):** Used in CPU/GPU power delivery. 2. **Point of Load (POL) Converters:** Converting 12V or 5V down to 1.xV for digital logic. 3. **Mobile Devices:** Tablets and laptops where "Low Profile" (LP) height is critical. 4. **SSD Power Supplies:** High switching frequencies require low inductance values like 0.33µH. --- ### 5. Footprint (Physical) Usually, the "4" in the series refers to the metric or imperial dimensions (e.g., 4.0mm x 4.0mm). You should verify the exact datasheet for the landing pattern, but typical dimensions for this class are: * **Length/Width:** ~4.0 mm x 4.0 mm * **Height:** < 2.0 mm (Low Profile)
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the XFHCL4LP-R33M?
    • ⤷ How does a molded inductor compare to a traditional ferrite core in terms of EMI?
    • ⤷ What are the recommended soldering profiles for this SMD component?