Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • XFHCL4MB-R33M

  • AI
    The **XFHCL4MB-R33M** is a high-current, low-profile power inductor typically used in DC-DC converter applications. It belongs to a category of surface-mount (SMD) power components designed for high efficiency and compact footprints. ### 1. Technical Specifications The part number follows a specific nomenclature used by manufacturers (often associated with brands like XFMRS or similar generic high-current power inductor series). | Parameter | Specification (Typical) | | :--- | :--- | | **Inductance** | 0.33 µH (indicated by "R33") | | **Tolerance** | ±20% (indicated by "M") | | **Type** | Shielded Power Inductor | | **Construction** | Metal Alloy / Magnetic Powder Core | | **Mounting Type** | SMD (Surface Mount Device) | --- ### 2. Core Features * **High Current Handling:** Due to its low inductance (0.33µH), this part is designed to handle high saturation currents ($I_{sat}$) and high RMS currents ($I_{rms}$) without significant thermal loss. * **Magnetic Shielding:** The component is usually shielded, which minimizes Electromagnetic Interference (EMI) with surrounding components on the PCB. * **Low DCR:** It features low Direct Current Resistance (DCR), which reduces power dissipation (heat) and improves the overall efficiency of the power supply. * **Soft Saturation:** The metal alloy core construction typically provides a "soft" saturation curve, meaning the inductance drops gradually as current increases rather than dropping off sharply. --- ### 3. Application Use Cases This specific value (0.33µH) is commonly found in high-frequency switching environments: 1. **Voltage Regulator Modules (VRMs):** Used in CPU/GPU power delivery phases. 2. **Point of Load (POL) Converters:** Converting 12V or 5V rails down to lower voltages (1.2V, 0.8V) for digital ICs. 3. **Battery Powered Devices:** High-efficiency buck converters in tablets or laptops. 4. **DC-DC Chargers:** High-speed switching circuits where small size and high current are required. --- ### 4. Footprint and Identification The **"4MB"** in the part number often refers to the physical dimensions. In the industry standard for these types of inductors, this usually corresponds to a size roughly around **4.0mm x 4.0mm**, with a low profile height (often around 1.2mm to 2.0mm).
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers from brands like Vishay or Coilcraft?
    • ⤷ How does the 'soft saturation' of a metal alloy core benefit a DC-DC converter?
    • ⤷ What is the typical saturation current rating for a 0.33uH inductor of this size?