Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • XFHCL4MM-R33M

  • AI
    The **XFHCL4MM-R33M** is a high-performance, shielded fixed inductor commonly used in power management circuits. It belongs to a category of surface-mount devices (SMD) designed for high-frequency applications and high-current environments. --- ### 1. Technical Specifications The part number follows a specific nomenclature that defines its electrical properties: | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.33 µH (Microhenries) | | **Tolerance** | ±20% (indicated by the "M") | | **Type** | Shielded Power Inductor | | **Mounting Type** | Surface Mount (SMD/SMT) | | **DC Resistance (DCR)** | Extremely Low (typically in mΩ range) | ### 2. Physical & Material Composition The "4MM" in the series designation usually refers to the physical footprint size (4.0mm x 4.0mm). * **Core Material:** Composite metal powder or ferrite, designed to handle high saturation currents without a sharp drop in inductance. * **Shielding:** It is a **magnetically shielded** component. This is critical for preventing Electromagnetic Interference (EMI) from affecting nearby sensitive components on the PCB. * **Terminations:** Lead-free (RoHS compliant) solder pads for standard reflow soldering processes. ### 3. Key Performance Features * **High Saturation Current ($I_{sat}$):** Designed to maintain inductance even when high levels of DC current flow through the coil. * **Low Core Loss:** Optimized for high-frequency switching regulators (often up to several MHz). * **Compact Profile:** Its small 4x4mm footprint makes it ideal for portable electronics. ### 4. Common Applications This specific inductor is typically found in: 1. **DC-DC Converters:** Specifically Buck (step-down) or Boost (step-up) converters. 2. **Voltage Regulator Modules (VRMs):** Used in motherboards and high-performance GPUs. 3. **Mobile Devices:** Smartphones, tablets, and wearables where space is at a premium. 4. **Battery Powered Systems:** Where high efficiency (low DCR) is required to extend battery life. --- ### Summary of Nomenclature * **XFHCL:** Manufacturer Series (often XFMRS or compatible brands). * **4MM:** Size footprint. * **R33:** Inductance value ($0.33 \mu H$). * **M:** Tolerance ($\pm 20\%$).
    ✨ Follow-up Questions
    • ⤷ What is the maximum saturation current for the XFHCL4MM-R33M?
    • ⤷ How does magnetic shielding impact the performance of this inductor compared to unshielded versions?
    • ⤷ What are the recommended operating temperature ranges for this component?