Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • XFHCL6LPA-R33M

  • AI
    The **XFHCL6LPA-R33M** is a high-performance, surface-mount (SMD) power inductor commonly used in DC-DC converter applications. It is designed to handle high currents while maintaining a compact footprint. --- ### 1. Part Number Breakdown While naming conventions can vary slightly by manufacturer (often associated with brands like XFMRS), the alphanumeric code typically follows this logic: | Segment | Meaning | Description | | :--- | :--- | :--- | | **XFHCL** | Series | High-current, low-profile shielded power inductor. | | **6LPA** | Package Size | Physical dimensions (approx. 6mm x 6mm class). | | **R33** | Inductance Value | **0.33 µH** (R denotes the decimal point). | | **M** | Tolerance | **±20%** (Standard industry code for inductance tolerance). | --- ### 2. Key Technical Specifications Based on the standard parameters for this class of component: * **Inductance:** 0.33 µH * **DC Resistance (DCR):** Extremely low, usually measured in milliohms (mΩ) to minimize power loss and heat. * **Saturation Current (Isat):** The current at which inductance drops by a specified percentage (usually 20-30%). These are typically rated for high amperage (e.g., 10A–25A depending on the specific profile). * **Temperature Rise Current (Irms):** The current that causes a 40°C rise in component temperature. * **Shielding:** Magnetic shielding to reduce Electromagnetic Interference (EMI). --- ### 3. Construction and Material The part is typically constructed using a **Molded Powder Core** technology: * **Core Material:** Usually a carbonyl iron powder or metallic alloy. * **Structure:** The wire coil is placed inside a mold, and magnetic powder is pressed around it. This results in a "soft saturation" characteristic and excellent shielding. * **Terminals:** Lead-free (RoHS compliant) tin-plated copper frame. --- ### 4. Typical Applications This component is ideal for modern high-density electronics where space is limited but power requirements are high: * **Voltage Regulator Modules (VRMs):** Found on motherboards and GPU cards. * **DC-DC Converters:** Point-of-Load (POL) converters for CPUs and FPGAs. * **Portable Electronics:** High-efficiency power supplies in laptops and tablets. * **Automotive:** Infotainment and ADAS power rails (if AEC-Q200 qualified). --- ### 5. Advantages 1. **Low Profile:** The "LPA" designation often implies a low-profile height, making it suitable for slim devices. 2. **High Efficiency:** Low DCR reduces $I^2R$ losses. 3. **Low Noise:** The molded construction minimizes "acoustic noise" (buzzing) caused by magnetostriction.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the XFHCL6LPA-R33M?
    • ⤷ How does 'soft saturation' in molded inductors differ from ferrite core inductors?
    • ⤷ Can you provide a footprint layout or land pattern recommendation for this package?