Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • XFSMC2-R68M

  • AI
    Based on the part number provided, the **XFSMC2-R68M** refers to a high-performance **Surface Mount (SMT) Power Inductor**, commonly used in DC-DC converters and power management modules. --- ## 1. Technical Specifications The part number follows a standard nomenclature for electronic components. Here is a breakdown of its primary specifications: | Parameter | Value / Specification | | :--- | :--- | | **Component Type** | Fixed Power Inductor | | **Inductance** | 0.68 µH (Microhenries) | | **Tolerance** | ±20% (indicated by the "M" suffix) | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Construction** | Shielded, Magnetic Metal Powder Core | --- ## 2. Part Number Deciphering To understand the component better, we can break down the alphanumeric code: * **XF:** Manufacturer series prefix (often associated with brands like XFMRS). * **SMC2:** The physical package size and series designation (e.g., molded construction). * **R68:** The Inductance value. The "R" acts as a decimal point ($0.68$). * **M:** The tolerance code. $M = \pm 20\%$. --- ## 3. Key Electronic Characteristics These parts are engineered for modern high-frequency power circuits. ### A. Core Material Typically uses a **Molded Metal Composite** core. Unlike traditional ferrite cores, these offer: * **Soft Saturation:** The inductance drops gradually as current increases, rather than crashing suddenly. * **Low EMI:** The molded construction acts as a natural magnetic shield. ### B. Electrical Performance * **Low DCR (DC Resistance):** Designed to minimize power loss as heat. * **High Saturation Current ($I_{sat}$):** Able to handle high peak currents without losing inductive properties. * **Operating Frequency:** Suitable for switching frequencies ranging from 100 kHz to over 5 MHz. --- ## 4. Typical Applications The XFSMC2-R68M is usually found in the following circuits: 1. **Point of Load (POL) Converters:** Providing stable voltage to CPUs or FPGAs. 2. **Graphic Cards (GPUs):** Handling high-current, low-voltage power phases. 3. **Battery Powered Devices:** Used in tablets or laptops due to its low profile and high efficiency. 4. **DC/DC Buck Converters:** Specifically for stepping down voltage in automotive or industrial electronics. --- ## 5. Equivalent Replacement Guide If you are looking for alternatives, you should match the $0.68\mu H$ value and the physical footprint (dimensions). Typical competitors include: * **Vishay:** IHLP Series * **Bourns:** SRP Series * **TDK:** SPM Series
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions (footprint) of the SMC2 package?
    • ⤷ What is the typical saturation current rating for this 0.68uH inductor?
    • ⤷ How does the 'soft saturation' of this molded inductor compare to a traditional ferrite core?