AI

## XFSMC3-R47M Overview
**XFSMC3-R47M** appears to be an electronic component part number, most likely an **SMD power inductor**. I can't verify this exact part against a manufacturer datasheet, so treat the breakdown below as an informed interpretation.
---
## Decoding the Part Number
| Segment | Likely Meaning |
|---|---|
| **XFS** | Manufacturer or product series prefix |
| **MC3** | Series or package/size code (often a shielded metal-composite construction) |
| **R47** | Inductance value: **0.47 µH** (the "R" acts as a decimal point) |
| **M** | Tolerance: **±20%** |
---
## Key Electrical Characteristics (Typical for This Type)
| Parameter | Typical Value / Description |
|---|---|
| Component type | Shielded SMD power inductor |
| Inductance | 0.47 µH (470 nH) |
| Tolerance | ±20% |
| Core material | Metal composite or ferrite (low DC loss, low EMI) |
| Typical current rating | Ranges from about 2 A to over 10 A, depending on size |
| Typical DCR | Low milliohm range, for efficiency |
| Mounting | Surface mount (SMD) |
---
## Typical Applications
- **DC-DC buck/boost converters** (energy storage and filtering)
- **Point-of-load (POL) power supplies**
- **Battery-powered devices** such as phones, tablets, and wearables
- **LED drivers** and power management ICs (PMICs)
- **EMI filtering** on power rails
---
## Function in a Circuit
1. **Energy storage:** Stores energy in its magnetic field during the switch-on phase and releases it during switch-off.
2. **Ripple smoothing:** Works with output capacitors to reduce voltage ripple.
3. **Current limiting:** Resists rapid current changes, protecting switching ICs.
---
## Verification Tips
- Check the **manufacturer's datasheet** for exact dimensions, saturation current (Isat), and temperature rise current (Irms).
- Confirm the **package size** (for example, 3×3 mm or 4×4 mm) to match your PCB footprint.
- Verify **Isat** against your converter's peak current to avoid core saturation.
If you share the manufacturer name or the datasheet, I can give you more precise specifications.
---
- ⤷What are the saturation current and DCR specs for a 0.47 µH shielded inductor?
- ⤷ How do I select a suitable inductor for a buck converter?
- ⤷ What is the difference between shielded and unshielded power inductors?