Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • XFSMCX-R22M

  • AI
    ## Analysis of the XFSMCX-R22M Component The **XFSMCX-R22M** is a high-performance **Surface Mount (SMT) Power Inductor**. These components are critical in modern power electronics for energy storage and noise filtering. --- ### 1. Technical Specifications Below is a breakdown of the typical technical parameters for this specific part number: | Parameter | Value / Specification | | :--- | :--- | | **Inductance** | 0.22 µH (Microhenries) | | **Tolerance** | ±20% (indicated by the 'M' suffix) | | **Type** | Shielded Magnetic Construction | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Material Core** | Metal Alloy / Carbonyl Powder | | **Operating Temp** | -40°C to +125°C (Standard range) | --- ### 2. Key Electronic Features * **Low DCR (DC Resistance):** Designed to minimize power loss and heat generation, which increases the efficiency of the power supply. * **High Saturation Current:** The use of metal alloy powder allows the inductor to handle high peak currents without the magnetic core "saturating" (losing its inductive properties). * **Magnetic Shielding:** The component is shielded to minimize Electromagnetic Interference (EMI), preventing the inductor from affecting nearby sensitive circuits. * **Soft Saturation Characteristics:** Unlike ferrite cores that drop inductance sharply, this part usually exhibits a gradual drop in inductance as current increases. --- ### 3. Circuit Applications The XFSMCX-R22M is primarily used in **DC-DC Converters** and **Voltage Regulator Modules (VRMs)**. 1. **Buck Converters:** Used as the output filter inductor to smooth the current provided to CPUs or GPUs. 2. **Point of Load (POL) Supplies:** Ideal for compact telecommunications equipment where high power density is required. 3. **Battery Powered Devices:** Used in laptops and tablets to manage power distribution efficiently while saving board space. --- ### 4. Part Number Breakdown While manufacturer naming conventions vary slightly, the code typically follows this logic: * **XF:** Series/Manufacturer prefix (often associated with XFMRS or similar power component specialists). * **SMCX:** Physical package size and molding style (Surface Mount Compact). * **R22:** The value code. `R` acts as a decimal point. `R22` = **0.22 µH**. * **M:** Tolerance code. `M` stands for **±20%**. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating for the XFSMCX-R22M?
    • ⤷ How does a metal alloy core compare to a traditional ferrite core in this inductor?
    • ⤷ What are the physical dimensions (footprint) of the SMCX package?