Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • XFTPRH73-R33

  • AI
    The **XFTPRH73-R33** is a high-performance, surface-mount (SMD) power inductor. It belongs to a category of shielded power inductors commonly used in DC-DC converters and power supply circuits to manage energy storage and filter noise. --- ### ## Technical Specifications The part number follows a specific nomenclature used by manufacturers (typically XFMRS or similar vendors). Below are the primary electronic characteristics: | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.33 µH (R33 denotes the value) | | **Tolerance** | Usually ±20% or ±30% | | **DC Resistance (DCR)** | Extremely low (typically < 10 mΩ) | | **Saturation Current ($I_{sat}$)** | High (often ranging from 10A to 15A) | | **Operating Temperature** | -40°C to +125°C | | **Shielding** | Magnetically Shielded | --- ### ## Key Features 1. **Magnetic Shielding:** The "RH" in the series usually indicates a shielded construction. This prevents electromagnetic interference (EMI) from leaking out and affecting nearby sensitive components on the PCB. 2. **Low Profile/Compact Design:** The "73" designation refers to the physical dimensions (approximately 7.3mm x 7.3mm x 3.2mm or 4.5mm depending on the specific height code). 3. **High Energy Storage:** Due to the 0.33 µH rating, this inductor is designed for high-frequency switching power supplies where low inductance is required for fast transient response. 4. **Low DCR:** The use of thick copper wire ensures minimal power loss through heat, making it highly efficient for battery-powered devices. --- ### ## Common Applications * **DC-DC Converters:** Used in Buck, Boost, and SEPIC topologies. * **Computer Peripherals:** Found on motherboards and graphics cards for VRM (Voltage Regulator Module) circuits. * **Telecommunications:** Used in base stations and networking equipment for power management. * **Consumer Electronics:** High-current power rails in smartphones, tablets, and portable gaming consoles. --- ### ## Internal Structure (Simplified) ```text [ Magnetic Ferrite Core ] | [ Copper Coil ] <--- High current flow | [ Magnetic Shield Case ] <--- Prevents EMI | [ Solder Pads (Bottom) ] ```
    ✨ Follow-up Questions
    • ⤷What is the difference between R33 and 3R3 inductance values?
    • ⤷ How does magnetic shielding impact PCB layout considerations?
    • ⤷ What are the typical soldering profiles for the XFTPRH73 series?