Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • XFTPRH73-R33M

  • AI
    The **XFTPRH73-R33M** is a high-performance, surface-mount (SMD) shielded power inductor. This component is typically used in power management circuits to store energy and filter noise. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the component's specific characteristics: | Code Segment | Meaning | Specification | | :--- | :--- | :--- | | **XFT** | Manufacturer Prefix | XFMRS Inc. (often associated with high-quality magnetics) | | **PRH73** | Series/Dimensions | Shielded structure, approx. 7.3mm x 7.3mm x 3.2mm | | **R33** | Inductance Value | 0.33 microhenries (µH) | | **M** | Tolerance | ±20% | --- ### 2. Technical Specifications The electrical behavior of the inductor is defined by several key parameters: * **Inductance:** 0.33 µH. This is a relatively low inductance value, suggesting it is designed for **high-frequency** switching applications. * **DC Resistance (DCR):** Usually very low (in the milliohm range), which minimizes power loss and heat generation. * **Saturation Current ($I_{sat}$):** The maximum current level where the inductance drops by a specified percentage (usually 30%). For this series, it is typically rated for high current loads. * **Shielding:** The "PRH" series is **magnetically shielded**, which reduces Electromagnetic Interference (EMI) with surrounding components. --- ### 3. Key Applications Because of its small footprint and high current handling, it is commonly found in: 1. **DC-DC Converters:** Used in buck, boost, and SEPIC converters for voltage regulation. 2. **Portable Electronics:** Smartphones, tablets, and laptops where space is limited. 3. **Graphic Cards & Motherboards:** Filtering power for CPUs and GPUs. 4. **Embedded Systems:** Providing stable power rails for microcontrollers. --- ### 4. Physical Characteristics ```yaml Package Type: SMD (Surface Mount Device) Shielding: Magnetic Shield (Ferrite core) Construction: Wire-wound on a ferrite drum core Terminations: Lead-free (RoHS Compliant) Operating Temp: Typically -40°C to +125°C ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the XFTPRH73-R33M?
    • ⤷ How does magnetic shielding impact the performance of this inductor?
    • ⤷ What are the recommended alternatives if this specific part is out of stock?