Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • XFWICS0805-R12_

  • AI
    ## XFWICS0805-R12: Technical Specifications & Overview The **XFWICS0805-R12** is a surface-mount (SMD) wire-wound ceramic chip inductor. It belongs to the 0805 package size family and is primarily designed for high-frequency applications where high Q-factors and stable inductance are required. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Inductance** | 120 nH (indicated by "R12") | | **Tolerance** | ±5% (Typical for "J" grade) or ±10% (K grade) | | **Package / Case** | 0805 (2012 Metric) | | **Core Material** | Ceramic | | **Construction** | Wire-wound | | **DC Resistance (DCR)** | ~0.65 Ω (Max) | | **Rated Current** | ~300 mA - 400 mA | | **Self-Resonant Frequency (SRF)** | > 1100 MHz | --- ### 2. Part Number Breakdown Understanding the nomenclature helps in identifying the component's characteristics: * **XFWIC**: Series prefix (Ceramic Wire-wound Inductor). * **0805**: Physical dimensions (0.08 x 0.05 inches / 2.0 x 1.25 mm). * **R12**: The inductance value. "R" acts as a decimal point. $0.12 \mu H = 120 nH$. --- ### 3. Construction & Features The "Wire-wound" nature of this component provides several advantages over multilayer chip inductors: * **High Q Factor:** Ceramic cores provide excellent performance in high-frequency circuits with minimal signal loss. * **Precision:** Wire-wound technology allows for tighter tolerances and higher stability across temperature ranges. * **SRF (Self-Resonant Frequency):** Due to the ceramic core, it maintains its inductive properties into the Gigahertz range, making it ideal for RF applications. --- ### 4. Common Applications This part is typically found in: 1. **RF Communications:** Used in matching circuits for antennas. 2. **Wireless Modules:** Found in Bluetooth, Wi-Fi, and GPS modules for signal filtering. 3. **High-Frequency Oscillators:** Stability in frequency generation. 4. **Signal Decoupling:** Used to block high-frequency noise in sensitive signal lines. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a ceramic core and a ferrite core inductor in RF circuits?
    • ⤷ How does the Q-factor of the XFWICS0805-R12 affect signal integrity?
    • ⤷ Can this inductor be used for power supply filtering?