Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • XFWICS1008-R15_

  • AI
    The **XFWICS1008-R15J** is a surface-mount (SMD) wire-wound ceramic chip inductor. These components are primarily used in high-frequency RF (Radio Frequency) circuits due to their excellent Q-factor and stable performance at high frequencies. ### 1. Part Number Breakdown The part number typically follows a standard convention for SMD inductors: | Segment | Meaning | Description | | :--- | :--- | :--- | | **XFWICS** | Series/Brand | Manufacturer series (High Q Wire-wound Chip Inductor) | | **1008** | Case Size | Dimensions: 1.0 x 0.8 inches (approx. 2.5 x 2.0 mm) | | **R15** | Inductance | **0.15 µH** (150 nH) | | **J** | Tolerance | **±5%** (Standard tolerance for RF inductors) | --- ### 2. Technical Specifications Below are the typical electrical characteristics for this specific part: | Parameter | Value | | :--- | :--- | | **Inductance** | 150 nH (0.15 µH) | | **Tolerance** | ±5% | | **Core Material** | Ceramic | | **Min. Quality Factor (Q)** | ~25 to 45 (at 100MHz-250MHz) | | **Self-Resonant Frequency (SRF)** | >900 MHz | | **Max DC Resistance (DCR)** | ~0.50 - 0.70 Ω | | **Max Rated Current** | ~450 mA - 600 mA | --- ### 3. Key Features and Construction * **Wire-Wound Design:** Unlike multilayer inductors, the wire-wound construction provides a much higher **Q (Quality Factor)** and lower DC resistance, making it more efficient for signal processing. * **Ceramic Core:** The non-magnetic ceramic body ensures high stability and prevents saturation, which is critical for RF tuning applications. * **Epoxy Coating:** Usually features a top-side epoxy coating to protect the windings and provide a flat surface for pick-and-place machines. --- ### 4. Common Applications Due to its high SRF (Self-Resonant Frequency) and precision, the **XFWICS1008-R15J** is found in: * **RF Modules:** Bluetooth, Wi-Fi, and GPS transceivers. * **Communication Equipment:** Base stations and portable radios. * **Matching Networks:** Used for impedance matching between an antenna and a power amplifier. * **Filters:** Bandpass and low-pass filter circuits in high-speed telecommunications. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a ceramic core and a ferrite core inductor?
    • ⤷ How does the Q-factor affect the performance of an RF circuit?
    • ⤷ What are the metric dimensions for a 1008 package size?