Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • XFWICS1008-R22_

  • AI
    The **XFWICS1008-R22** is a surface-mount (SMD) wire-wound ceramic chip inductor. It is designed for high-frequency applications where stability and high "Q" factors are required. --- ### 1. Technical Specifications The part number follows a standard nomenclature for inductors. Here is the breakdown of the technical parameters: | Parameter | Value / Description | | :--- | :--- | | **Inductance** | 220 nH (indicated by "R22") | | **Tolerance** | Usually ±5% or ±10% (J or K) | | **Case Size** | 1008 (Metric: 2520) | | **Dimensions** | 2.5mm x 2.0mm | | **Core Material** | Ceramic (Non-magnetic) | | **Construction** | Wire-wound | ### 2. Detailed Part Breakdown * **XFWICS**: The manufacturer series prefix (often associated with XFMRS or compatible high-frequency series). * **1008**: The physical footprint size. 1008 translates to 0.10 inches by 0.08 inches. * **R22**: The inductance code. The "R" acts as a decimal point in microhenries ($\mu H$). * $0.22 \mu H = 220 nH$. ### 3. Key Electronic Characteristics Wire-wound ceramic inductors like the XFWICS1008 series offer several advantages over multilayer chip inductors: * **High Q Factor:** Because of the wire-wound construction on a ceramic core, these components have very low losses at high frequencies. * **High Self-Resonant Frequency (SRF):** Ceramic cores do not interact with the magnetic field like ferrite, allowing the inductor to remain inductive at much higher frequencies. * **Current Handling:** They generally handle higher DC currents compared to multilayer inductors of the same size. * **Tight Tolerance:** Wire-winding processes allow for more precise control over the number of turns, resulting in better accuracy. ### 4. Common Applications Due to its high-frequency performance, this part is typically found in: 1. **RF Circuits:** Matching networks, filters, and oscillators. 2. **Wireless Communication:** Bluetooth, Wi-Fi, and cellular base stations. 3. **Signal Conditioning:** High-speed data lines to suppress noise without degrading the signal. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the 1008-R22 inductor?
    • ⤷ How does a ceramic core inductor differ from a ferrite core inductor in RF applications?
    • ⤷ What are the typical soldering footprints for a 1008 SMD component?