Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • XFWICS1008-R33_

  • AI
    The **XFWICS1008-R33J** is a surface-mount (SMD) wire-wound ceramic chip inductor. These components are primarily used in high-frequency RF (Radio Frequency) circuits due to their high Q factor and stable performance. --- ### 1. Part Number Breakdown The naming convention provides specific details about the component's physical and electrical characteristics: | Part Segment | Meaning | Detail | | :--- | :--- | :--- | | **XF** | Manufacturer/Series | Often relates to specific RF series branding. | | **1008** | Case Size | 1.0 x 0.8 inches (approximately 2.5 x 2.0 mm). | | **R33** | Inductance Value | **0.33 µH** (330 nH). | | **J** | Tolerance | **±5%** (Standard for precision RF inductors). | --- ### 2. Technical Specifications Below are the typical electrical parameters for a 1008-size R33 inductor: * **Inductance:** 330 nH (0.33 µH) * **Tolerance:** ±5% (J) * **Core Material:** Ceramic (offers excellent thermal stability and high SRF). * **Max DC Resistance (DCR):** Typically between 0.5Ω to 1.0Ω. * **Rated Current:** Usually ranges from 300mA to 500mA depending on the specific manufacturer's thermal rating. * **Self-Resonant Frequency (SRF):** High frequency, typically > 500 MHz. --- ### 3. Key Features & Applications #### Features * **High Q Factor:** The wire-wound construction on a ceramic core provides lower losses at high frequencies compared to multilayer inductors. * **Small Footprint:** The 1008 package is suitable for compact PCB designs. * **Stability:** Ceramic cores provide very tight inductance tolerances and stability across a wide temperature range. #### Applications * **RF Tuning:** Used in matching circuits for antennas. * **Filtering:** Low-pass, high-pass, and band-pass filters for wireless communication. * **Signal Conditioning:** Decoupling and EMI suppression in high-speed data lines. * **Consumer Electronics:** Cellular phones, Wi-Fi routers, and Bluetooth modules. --- ### 4. Comparison Table: Wire-wound vs. Multilayer | Feature | Wire-wound (XFWICS1008) | Multilayer Inductors | | :--- | :--- | :--- | | **Q Factor** | High | Low to Medium | | **Current Handling** | Higher | Lower | | **DC Resistance** | Lower | Higher | | **Cost** | Slightly Higher | Lower |
    ✨ Follow-up Questions
    • ⤷What is the difference between a ceramic core and a ferrite core in inductors?
    • ⤷ How do I calculate the SRF requirements for my RF circuit?
    • ⤷ Can I substitute a 1008 package with an 0805 package in a design?