Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • XHS35F-100-R2-FS-XPROGAB

  • AI
    The **XHS35F-100-R2-FS-XPROGAB** is a specialized industrial rotary encoder manufactured by **BEI Sensors** (now part of Sensata Technologies). It is part of the XHS35 series, designed for heavy-duty applications requiring high precision and robust feedback. --- ### 1. Technical Specification Breakdown The alphanumeric code represents specific electronic and mechanical characteristics: | Code Segment | Description | Details | | :--- | :--- | :--- | | **XHS35** | Model Series | Hollow shaft, 3.5-inch diameter heavy-duty encoder. | | **F** | Mounting | Flex mount (standard spring-type mounting). | | **100** | Resolution | 100 Pulses Per Revolution (PPR). | | **R2** | Shaft Diameter | Specific bore size (typically 1-inch or metric equivalent). | | **FS** | Safety Rating | Functional Safety (designed for safety-critical systems). | | **XPROG** | Programming | Programmable electronics for output flexibility. | | **AB** | Output Channels | Standard A and B quadrature channels. | --- ### 2. Key Electronic Features #### A. Incremental Signal Output This encoder uses **Quadrature (A and B)** signals. By monitoring the phase shift between these two channels (usually 90 electrical degrees), the controller can determine both the speed of rotation and the direction (clockwise or counter-clockwise). #### B. Programmability (XPROG) Unlike fixed-logic encoders, the "XPROG" designation indicates that the internal electronics are programmable. This allows the user to: * Adjust the output voltage levels (e.g., matching 5V TTL or 12-24V HTL). * Fine-tune the zero-pulse (Index) position. * Configure the pulse count if the hardware supports variable PPR. #### C. Functional Safety (FS) The "FS" designation implies that the internal electronics are redundant or include self-diagnostic features. These parts are often used in "SIL" (Safety Integrity Level) rated environments where a sensor failure must be detected immediately to prevent machinery accidents. --- ### 3. Electrical Connections Typically, these encoders utilize a circular industrial connector (like an M12 or M23) or a terminal box. ```yaml Standard Pinout Logic: - Vcc: Power Supply (typically 5-28V DC) - GND: Common Ground - Channel A: Main pulse signal - Channel B: Phase-shifted pulse signal - Shield: Electromagnetic Interference (EMI) protection ``` --- ### 4. Typical Applications The electronics are built to withstand high levels of electrical noise and physical vibration. Common use cases include: * **Vector Motor Feedback:** Ensuring precise speed control in AC drives. * **Heavy Machinery:** Used in cranes, lifts, and oil rig equipment. * **Web Tensioning:** Monitoring rollers in paper or textile mills. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between TTL and HTL output signals in these encoders?
    • ⤷ How do I program the XPROG series encoders?
    • ⤷ What are the specific Functional Safety (SIL) ratings for the XHS35F?