Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • XR79110

  • AI
    ## Overview of the XR79110 The **XR79110** is a high-performance, synchronous step-down (buck) power module developed by MaxLinear (formerly Exar). It is designed to simplify power system design by integrating the controller, power MOSFETs, inductor, and support components into a single package. --- ### 1. Key Internal Components The XR79110 is often referred to as a "Power Module" because it integrates several electronic parts that usually require individual placement on a PCB. | Component | Description | | :--- | :--- | | **Synchronous Buck Controller** | Uses a constant on-time (COT) control scheme for fast transient response. | | **Power MOSFETs** | High-side and low-side integrated FETs optimized for low $R_{DS(on)}$. | | **Integrated Inductor** | Specifically shielded and sized for high efficiency and low EMI. | | **Bootstrap Capacitor** | Internal capacitor providing the gate drive voltage for the high-side FET. | --- ### 2. Technical Specifications The following table summarizes the primary electrical characteristics of the part: | Parameter | Value | | :--- | :--- | | **Input Voltage Range ($V_{IN}$)** | 4.5V to 22V | | **Output Current ($I_{OUT}$)** | 10A Continuous | | **Output Voltage Range ($V_{OUT}$)** | 0.6V to 5.5V | | **Switching Frequency** | 400kHz to 800kHz | | **Package Type** | 72-pin QFN (10mm x 10mm x 4mm) | | **Efficiency** | Up to 93% | --- ### 3. Critical Pin Functions Understanding the pinout is essential for integrating the XR79110 into a circuit. * **SW (Switch Node):** The junction between the internal MOSFETs and the inductor. * **PVIN:** The power input for the power stage. * **VOUT:** The regulated output voltage terminal. * **FB (Feedback):** Used to set the output voltage via an external resistor divider. * **EN (Enable):** Logic input to turn the module on or off. * **PGOOD (Power Good):** An open-drain output that signals when the output voltage is within 90% of the nominal regulation. --- ### 4. Implementation Circuitry While the module is highly integrated, a few external passive components are required: ```c // Typical Configuration Layout [Input Source] -> [Input Capacitors (Ceramic)] -> PVIN [VOUT Pin] -> [Output Capacitors (Ceramic)] -> [Load] [FB Pin] -> [Resistor Divider to GND] -> (Sets Vout) ``` --- ### 5. Features & Protection * **Emulated Current Mode Control:** Provides excellent line and load regulation. * **Protection Suite:** Includes Over-Current Protection (OCP), Over-Temperature Protection (OTP), and Short-Circuit Protection. * **Soft-Start:** Programmable via an external capacitor to prevent inrush current during startup.
    ✨ Follow-up Questions
    • ⤷ What are the layout best practices for thermal management with the XR79110?
    • ⤷ How do I calculate the resistor divider values for a specific output voltage?
    • ⤷ What is the difference between the XR79110 and the XR79115?