Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • XT09-4II-R

  • AI
    The **XT09-4II-R** refers to a specific series of high-performance radio frequency (RF) transceiver modules, commonly manufactured by **Digi International (formerly MaxStream)**. This module is part of the 900 MHz family, known for its long-range communication capabilities and robust data transmission in industrial environments. --- ### 1. Key Technical Specifications The XT09-4II-R is designed for point-to-point, point-to-multipoint, and peer-to-peer networking. | Feature | Specification | | :--- | :--- | | **Frequency Band** | 900 MHz (902 - 928 MHz) | | **Indoor Range** | Up to 3,000 feet (900 m) | | **Outdoor/Line of Sight** | Up to 40 miles (64 km) with high-gain antenna | | **Transmit Power** | 1W (30 dBm) | | **Interface** | Serial (UART) - TTL Levels | | **Data Rate** | 9.6 kbps or 115.2 kbps | | **Operating Voltage** | 2.85V to 5.5V DC | --- ### 2. Core Electronic Components The internal architecture of the XT09-4II-R consists of several critical stages: #### A. Microcontroller Unit (MCU) The module contains an onboard processor that handles the **FHSS (Frequency Hopping Spread Spectrum)** logic. It manages data buffering, error correction (CRC), and packetization, abstracting the complexity of the RF layer from the user. #### B. RF Transceiver Chipset This is the heart of the module. It converts digital data into radio waves. Because it operates on the 900 MHz band, it offers better penetration through obstacles (walls, foliage) compared to 2.4 GHz modules. #### C. Power Amplifier (PA) & Low Noise Amplifier (LNA) * **PA:** Boosts the outgoing signal to reach the 1W output level required for long-distance transmission. * **LNA:** Increases the sensitivity of the receiver, allowing it to pick up weak signals from miles away while filtering out background noise. #### D. Antenna Connector The "R" in the suffix usually denotes a specific connector type, typically an **RPSMA (Reverse Polarity SMA)** connector. This allows for the attachment of external high-gain antennas. --- ### 3. Pinout and Connection The module typically uses a 20-pin header. The most essential pins for electronic integration are: * **VCC (Pin 1):** Power input. * **GND (Pin 10):** Ground. * **DI (Pin 3):** Data In (UART Transmit from host). * **DO (Pin 2):** Data Out (UART Receive to host). * **CTS/RTS (Pins 12/16):** Hardware flow control to prevent data buffer overflow. --- ### 4. Typical Applications 1. **Industrial Automation:** Remote monitoring of sensors in factories. 2. **SCADA:** Long-range data acquisition for water, gas, or electrical utilities. 3. **Agriculture:** Communication with automated irrigation systems or weather stations over large fields. 4. **UAV/Robotics:** Long-range telemetry and control links for drones.
    ✨ Follow-up Questions
    • ⤷ How do I configure the XT09-4II-R using AT commands?
    • ⤷ What is the difference between FHSS and DSSS in these 900MHz modules?
    • ⤷ Can this module be interfaced directly with an Arduino or Raspberry Pi?