Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • XU-Z1Z1-R

  • AI
    The **XU-Z1Z1-R** refers to a high-speed, 10Gbps SFP+ (Small Form-factor Pluggable) Direct Attach Cable (DAC). Specifically, this part number is commonly associated with Cisco-compatible or generic active/passive twinaxial copper cabling used in data centers. Below is a breakdown of the electronic components and technical specifications of this part. --- ### 1. Technical Specifications This part is designed for short-range high-bandwidth connectivity, typically between switches, routers, and servers. | Feature | Specification | | :--- | :--- | | **Data Rate** | 10 Gbps (Gigabit per second) | | **Connector Type** | SFP+ to SFP+ | | **Cable Type** | Twinaxial (Twinax) Copper | | **Impedance** | 100 Ohms | | **Voltage** | 3.3V | | **Temperature Range** | 0°C to 70°C (Commercial Grade) | --- ### 2. Key Electronic Components The "parts" inside the connector housing are what facilitate the high-speed data transfer: * **EEPROM Chip:** Every SFP+ head contains an I2C-accessible EEPROM. This chip stores the "Signature" or "Vendor Code" (e.g., compatibility data, serial number, and part number). This allows the switch to recognize the cable. * **Signal Drivers/Equalizers:** * *Passive:* Contains only the wire and basic PCB mapping. * *Active (R-suffix often implies Active):* Contains signal boosting circuitry to overcome attenuation over longer copper distances. * **PCBA (Printed Circuit Board Assembly):** A small PCB inside the zinc die-cast housing that manages the transition from the twinax wire pairs to the gold-finger SFP+ interface. --- ### 3. Pinout Configuration The SFP+ interface uses a standard 20-pin gold-finger connector. The primary electronic signals are: 1. **VeeT/VeeR:** Common Ground. 2. **TD+ / TD-:** Transmitter Differential Pair (High-speed data). 3. **RD+ / RD-:** Receiver Differential Pair (High-speed data). 4. **SDA/SCL:** 2-wire serial interface for management and identification. 5. **Tx_Disable:** Electronic signal to turn off the transmission. --- ### 4. Implementation Example ```python # Conceptual representation of reading the EEPROM data via I2C def get_sfp_info(bus_address): # Standard SFP address is usually 0x50 eeprom_data = i2c.read_block(bus_address, 0, 128) vendor_name = eeprom_data[20:36] part_number = eeprom_data[40:56] return f"Detected: {vendor_name.strip()} - {part_number.strip()}" # Result would identify the XU-Z1Z1-R hardware ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum cable length supported by the XU-Z1Z1-R?
    • ⤷ Is this cable compatible with 1Gbps SFP ports?
    • ⤷ Does this part number refer to a passive or active copper assembly?