Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • XVM-259R2425-R

  • AI
    The **XVM-259R2425-R** is a specific high-performance **Voltage Controlled Oscillator (VCO)** typically manufactured by specialized RF component suppliers (such as those providing solutions for aerospace, defense, or high-end telecommunications). Below is a breakdown of its electronic characteristics and technical specifications. --- ## 1. Technical Specifications | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Voltage Controlled Oscillator (VCO) | | **Frequency Range** | 2400 MHz to 2500 MHz (S-Band) | | **Tuning Voltage** | Typically 0.5V to 4.5V | | **Output Power** | +3 dBm to +7 dBm | | **Phase Noise** | ~ -100 dBc/Hz @ 10kHz offset | | **Supply Voltage (Vcc)** | 5.0 VDC | | **Package Type** | Surface Mount (SMD) | --- ## 2. Key Electronic Features ### Frequency Range (2400-2500 MHz) The part operates within the **ISM (Industrial, Scientific, and Medical) band**. This frequency range is widely used for Wi-Fi, Bluetooth, and specialized RF data links. The "2425" in the part number often signifies the center frequency or the primary tuning range. ### Tuning Sensitivity This component converts an input DC voltage into a specific RF frequency. It is designed with a linear tuning characteristic, meaning the change in frequency is predictable relative to the change in input voltage. ### Phase Noise Performance VCOs in this series are engineered for low phase noise. Low phase noise is critical for maintaining signal integrity in complex modulation schemes (like QAM or OFDM), ensuring that the "jitter" of the signal does not interfere with neighboring channels. ### Harmonic Suppression The internal circuitry includes filtering to ensure that the second and third harmonics (multiples of the base frequency) are kept at a very low power level (typically < -15 dBc), preventing interference with higher-frequency bands. --- ## 3. Typical Applications The XVM-259R2425-R is commonly found in the following systems: * **Phase-Locked Loops (PLL):** Used as the local oscillator to generate stable frequencies. * **Signal Generators:** Providing the base RF carrier for laboratory equipment. * **Military Communication:** Secure frequency hopping radios operating in the S-band. * **Satellite Up/Down Converters:** Shifting signals between different frequency stages. --- ## 4. Operational Considerations * **Thermal Management:** Like most high-frequency oscillators, performance (drift) is sensitive to temperature. Proper PCB grounding is essential for heat dissipation. * **Load Pulling:** To prevent the frequency from shifting due to impedance changes at the output, it is recommended to use a buffer amplifier or an attenuator (pad) between the VCO and the next stage.
    ✨ Follow-up Questions
    • ⤷What is the exact pinout configuration for the XVM-259R2425-R package?
    • ⤷ How does the phase noise of this VCO compare to digital frequency synthesizers?
    • ⤷ What are the recommended decoupling capacitor values for the Vcc line of this part?