Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • Y-CONC-R402S-RJ6P-2000-B

  • AI
    Based on the technical nomenclature provided, the **Y-CONC-R402S-RJ6P-2000-B** refers to a high-speed, ruggedized industrial network cable assembly, typically associated with **Yamaichi Electronics**. This specific part number follows a modular configuration pattern for industrial Ethernet connectivity, often used in harsh environments. --- ### Technical Specifications Breakdown | Feature | Description | | :--- | :--- | | **Series Type** | Y-Con (Yamaichi Industrial Ethernet Series) | | **Connector A** | RJ45 Industrial Plug (with protective housing) | | **Shielding** | Full 360° Shielding (EMI/RFI protection) | | **Cable Length** | 2000mm (2 Meters) | | **Pin Configuration** | 6-Pole (standard Ethernet + 2 optional power contacts) | | **Color/Material** | Black (B) | --- ### Key Electronic Components & Features #### 1. RJ45 Industrial Interface (RJ6P) Unlike standard office RJ45 connectors, the "RJ6P" designation usually indicates a **Power-over-Ethernet (PoE)** capable configuration. It utilizes standard Ethernet data pins plus two additional integrated power contacts. This allows the cable to transmit both high-speed data and DC power (up to 2.1A) through a single interface. #### 2. Robust Housing (R402S) The "R402S" signifies a specific shell or locking mechanism. These parts are designed to meet **IP20 or IP67/68** ratings depending on the mating jack. The housing provides: * **Vibration Resistance:** Mechanical locking to prevent accidental disconnection. * **Strain Relief:** Protects the internal copper terminations from physical stress. #### 3. High-Grade Cabling The "2000" refers to the **2000mm length**. The internal wiring typically consists of: * **Twisted Pairs:** CAT5e or CAT6 rated for data transmission up to 1Gbps. * **S/FTP or SF/UTP:** Braided shielding to ensure signal integrity in electrically "noisy" factory environments. --- ### Common Applications * **Industrial Automation:** Connecting PLCs (Programmable Logic Controllers) to HMIs. * **Robotics:** Data transmission in arms where movement and vibration are constant. * **Vision Systems:** Powering and receiving data from industrial cameras. * **Outdoor Networking:** Use in telecommunications equipment exposed to the elements. ---
    ✨ Follow-up Questions
    • ⤷What is the IP rating for the Y-CONC-R402S series when mated?
    • ⤷ Does this cable support 10-Gigabit Ethernet transmission?
    • ⤷ Can the additional 2 pins be used for power supply in a standard RJ45 port?