Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • Y-CONC-R406M-RJ2L-2000-A

  • AI
    The part number **Y-CONC-R406M-RJ2L-2000-A** typically refers to a high-performance industrial cable assembly, often associated with sensor-actuator interfaces or specialized Ethernet connectivity. Below is a breakdown of the electronic components and technical specifications related to this type of assembly. ### 1. Component Breakdown The part number is alphanumeric, representing specific mechanical and electrical characteristics: | Code Segment | Component Detail | Description | | :--- | :--- | :--- | | **Y-CON** | Series | Yamaichi Electronics (Y-Con) industrial series. | | **R406M** | Connector Type | Often denotes an RJ45 type with an IP67/68 rating housing. | | **RJ2L** | Wiring/Logic | Specific pinout configuration (often 10/100 or Gigabit Ethernet). | | **2000** | Length | 2000mm (2.0 meters) total cable length. | | **A** | Version/Revision | Specific manufacturing revision or shielding type. | --- ### 2. Technical Specifications These parts are designed for harsh industrial environments where standard consumer RJ45 connectors would fail. * **Connector Interface:** Industrial RJ45 (usually 4-pole or 8-pole). * **Protection Class:** IP67 / IP68 / IP69K (Dust-tight and water immersion resistant). * **Cable Type:** Shielded Twisted Pair (STP) to prevent EMI (Electromagnetic Interference). * **Jacket Material:** Usually PUR (Polyurethane) or PVC, resistant to oils, chemicals, and abrasion. * **Operating Temperature:** Typically -20°C to +80°C. --- ### 3. Key Electronic Features * **Signal Integrity:** Integrated shielding in the connector housing ensures minimal data loss in "noisy" factory environments near high-voltage motors. * **Power over Ethernet (PoE):** Depending on the pin configuration (RJ2L), these cables are often capable of carrying both data and DC power to remote sensors. * **Vibration Resistance:** The "Y-Con" lock mechanism provides a physical latch that prevents accidental disconnection due to machine vibration. --- ### 4. Typical Applications 1. **Industrial Ethernet:** Connecting PLCs (Programmable Logic Controllers) to HMIs. 2. **Vision Systems:** High-speed data transfer for industrial cameras. 3. **Robotics:** Durable cabling for robotic arms requiring repetitive movement and environmental protection.
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout configuration for the RJ2L variant?
    • ⤷ Can this cable be used in outdoor environments with UV exposure?
    • ⤷ Is the Y-CONC-R406M-RJ2L-2000-A compatible with standard CAT6a speeds?