Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • Y-CONC-R406M-RJ2U-2000-A

  • AI
    The part number **Y-CONC-R406M-RJ2U-2000-A** typically refers to a high-performance industrial cable assembly, often utilized in motion control, robotics, or sensor-actuator applications. These cables are designed for harsh environments requiring high flexibility and signal integrity. --- ### Technical Specifications Breakdown | Component | Description | | :--- | :--- | | **Cable Type** | Industrial Ethernet / Control Cable | | **Connector A** | RJ45 Industrial Grade (often with metal shielding) | | **Connector B** | M12 Circular Connector (typically 4-pin or 8-pin, D-coded or X-coded) | | **Length** | 2000mm (2 Meters) | | **Shielding** | S/FTP or SF/UTP (Double shielded for EMI protection) | | **Jacket Material** | PUR (Polyurethane) - Oil, chemical, and abrasion resistant | --- ### Core Electronic Characteristics #### 1. Signal Integrity and Shielding The cable features **360° shielding**. This is critical in industrial settings to prevent Electromagnetic Interference (EMI) from high-voltage motors or VFDs (Variable Frequency Drives) from corrupting data signals. #### 2. Durability and Flex Life * **Trailing Chain Compatibility:** Designed for use in cable carriers (drag chains) with a high bend cycle rating (often >5 million cycles). * **Environmental Protection:** The M12 side usually offers **IP67/IP68** protection against dust and water immersion. #### 3. Wiring Standards Depending on the specific "406M" sub-configuration, it usually follows one of two standards: * **D-Coded:** 4-pin, used for 10/100 Mbps Ethernet. * **X-Coded:** 8-pin, used for 10Gbps Ethernet. --- ### Common Applications 1. **Industrial Ethernet:** Connecting PLCs (Programmable Logic Controllers) to HMI panels. 2. **Machine Vision:** High-speed data transfer from industrial cameras to processing units. 3. **Robotic Arms:** Routing signals through articulating joints where constant movement occurs. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific pinout configuration for the M12 connector on this model?
    • ⤷ Is this cable rated for high-flex or static installation?
    • ⤷ What is the maximum data transfer rate supported by the R406M series?