Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • Y-CONC-R406P-RJ2S-2000-B

  • AI
    The **Y-CONC-R406P-RJ2S-2000-B** is a specific industrial-grade Ethernet cable assembly, typically produced by **Yamaichi Electronics**. It is part of the Y-Con series, which is designed for harsh environments requiring high-speed data transmission (Industrial Ethernet). Below is the detailed breakdown of its electronic and mechanical specifications. --- ### 1. General Specifications | Feature | Details | | :--- | :--- | | **Series** | Y-Con (Industrial RJ45) | | **Type** | RJ45 IP20 Cable Assembly | | **Configuration** | 4-Pin / 4-Pole (Fast Ethernet) | | **Cable Length** | 2000mm (2 Meters) | | **Color/Coding** | Black (B) | ### 2. Physical & Material Composition This part is engineered for durability in factory automation. * **Connector A & B:** Standard RJ45 with integrated power contacts (optional in the series). * **Strain Relief:** High-quality overmolding to prevent internal wire breakage during vibration. * **Shielding:** Fully shielded (S) to protect against Electromagnetic Interference (EMI) in industrial settings. * **Housing:** Typically high-temperature thermoplastic with UL94V-0 flammability rating. ### 3. Electrical Characteristics The "406P" designation refers to the internal wiring configuration used for data and power transmission. * **Data Rate:** Supports Fast Ethernet (10/100 Mbit/s). * **Contacts:** Gold-plated copper alloy for low contact resistance and high corrosion resistance. * **Power Supply:** The Y-Con system is unique because it allows for **integrated power supply** contacts (pins 7 and 8) alongside data pins, though this specific 4-pin variant is optimized for data reliability. * **Voltage Rating:** Up to 50V DC (application dependent). * **Current Rating:** Approx 2.1A at 70°C for the power contacts. ### 4. Key Application Use-Cases * **Factory Automation:** Connecting PLCs (Programmable Logic Controllers) to HMIs or sensors. * **Machine Vision:** High-speed data transfer for industrial cameras. * **CNC Machinery:** Robust data transmission in environments with heavy electrical noise. --- ### Part Number Decoder (Quick Reference) | Segment | Meaning | | :--- | :--- | | **Y-CONC** | Yamaichi Connector Cable Series | | **R406P** | RJ45 4-pole data configuration | | **RJ2S** | RJ45 connectors at both ends, Shielded | | **2000** | Length in millimeters (2m) | | **B** | Black cable jacket color |
    ✨ Follow-up Questions
    • ⤷ What is the IP rating for this specific cable assembly?
    • ⤷ Can this cable support Gigabit Ethernet speeds?
    • ⤷ Is this cable compatible with standard consumer RJ45 ports?