Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • Y-CONC-R406P-RJ6P-2000-B

  • AI
    Based on the part number **Y-CONC-R406P-RJ6P-2000-B**, this component is a specialized **industrial industrial communication cable assembly**, typically used in automation, motion control, and sensor networking. ### Technical Breakdown of the Part Number The nomenclature often follows standard industrial connector coding (common with brands like Yamaichi or similar industrial automation suppliers). | Segment | Feature | Description | | :--- | :--- | :--- | | **Y-CON** | Series | Part of the Y-Con industrial Ethernet/fieldbus connector system. | | **C** | Category | Refers to the Cable assembly or Connector sub-type. | | **R406P** | Connector A | Likely an **M12** or **RJ45** ruggedized 4-pin or 6-pin male circular connector. | | **RJ6P** | Connector B | Standard or ruggedized **RJ45** connector with 6-pin (6P4C or 6P6C) configuration. | | **2000** | Length | The cable length is **2000mm** (2 meters). | | **B** | Shielding/Color | Usually indicates **Black** jacket color or specific **B-coding** for signal orientation. | --- ### Core Electronic Components & Features #### 1. The Physical Interface (Connectors) * **Ruggedized Housing:** These parts usually feature an IP20 or IP67 rated housing to protect against dust and moisture. * **Gold-Plated Contacts:** To prevent oxidation and ensure low contact resistance over long periods, the internal pins are typically plated with 30μ" to 50μ" of gold. #### 2. The Cable (Media) * **Wire Gauge:** Usually 24 AWG or 26 AWG stranded copper. * **Twisted Pairs:** Designed to minimize electromagnetic interference (EMI) and crosstalk. * **Shielding (SF/UTP or S/FTP):** The "B" or "C" designations often imply a braided shield plus foil to protect data integrity in high-noise environments (near motors or VFDs). #### 3. Transmission Characteristics * **Data Rate:** Typically rated for Cat5e (up to 100 Mbps or 1 Gbps) depending on the pin configuration. * **Power over Ethernet (PoE):** If configured for 4 or 6 pins, it can sometimes carry DC power alongside data (common in sensor applications). --- ### Common Applications * **Industrial Ethernet:** Connecting PLCs (Programmable Logic Controllers) to HMIs or I/O modules. * **Robotics:** Used in cable tracks where flexibility and durability are required. * **Vision Systems:** Connecting industrial cameras to processing units. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific IP rating for the R406P connector head?
    • ⤷ Is this cable rated for high-flex or continuous motion applications?
    • ⤷ Can this cable support Gigabit Ethernet speeds (1000Base-T)?