Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • Y-CONC-R406P-RJCU-2000-A

  • AI
    The **Y-CONC-R406P-RJCU-2000-A** is a specific industrial-grade RJ45 connector assembly, typically associated with the **Y-Con** series by Yamaichi Electronics. These components are designed for high-reliability Ethernet connectivity in harsh industrial environments. --- ### Technical Specifications Breakdown | Feature | Specification Details | | :--- | :--- | | **Series** | Y-Con (Industrial RJ45) | | **Connector Type** | RJ45 Plug / Connector Assembly | | **Number of Positions** | 8 Pins (4 Power + 4 Signal or 8 Signal) | | **Cable Length** | 2000mm (2 Meters) | | **Shielding** | Fully Shielded (EMC Protection) | | **Protection Class** | Typically IP20 (or IP67/68 when used with specific housings) | | **Operating Temp** | -20°C to +120°C (Standard industrial range) | --- ### Component Features #### 1. Integrated Power Contacts Unlike standard consumer RJ45 connectors, the Y-Con system often features **integrated power contacts**. This allows for the transmission of power alongside data without requiring a separate power cable, making it ideal for fieldbus applications. #### 2. Robust Construction * **Housing:** Usually made of high-temperature resistant thermoplastic. * **Contacts:** Gold-plated copper alloy to ensure low contact resistance and prevent corrosion. * **Shielding:** Metal shell provides 360° EMI/RFI protection, essential for factory floors with high electrical noise. #### 3. High-Speed Data Support Designed to support **Cat 5 / Cat 5e** performance, making it suitable for 10/100/1000 Mbit/s Ethernet communication protocols such as Profinet, EtherCAT, and Modbus TCP. --- ### Common Applications * **Industrial Automation:** Connecting PLCs to HMIs or sensors. * **Robotics:** Durable enough to withstand vibration and movement. * **Motion Control:** Reliable data transmission for motor drives. * **Telecommunications:** Used in rugged server environments. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations for the power contacts in the Y-Con series?
    • ⤷ Is this specific part number compatible with IP67-rated protective covers?
    • ⤷ What is the maximum current rating for the integrated power lines?