Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • Y-CONC-R422M-RJ6M-2000-C

  • AI
    The **Y-CONC-R422M-RJ6M-2000-C** is a specialized industrial networking cable assembly, typically produced by manufacturers like **Yamaichi Electronics**. It is designed for high-reliability Ethernet connectivity in harsh environments. ### 1. Technical Specification Overview | Component | Specification | | :--- | :--- | | **Series** | Y-Con (Industrial RJ45) | | **Connector A** | Y-Con RJ45 Plug (IP20/IP67 compatible) | | **Connector B** | RJ45 Standard Plug | | **Cable Length** | 2000mm (2 Meters) | | **Shielding** | S/FTP or SF/UTP (Double Shielded) | | **Category** | Cat 5e / Cat 6 (Application dependent) | | **Outer Jacket** | PUR (Polyurethane) - Oil and UV resistant | --- ### 2. Breakdown of the Part Number * **Y-CON**: Refers to the product family (Industrial RJ45 system). * **R422M**: Indicates a specific connector configuration, often involving a metal-reinforced RJ45 housing for vibration resistance. * **RJ6M**: Represents the secondary connector type (often a standard or industrial-grade RJ45 8P8C). * **2000**: Specifies the length in millimeters (2.0 meters). * **C**: Typically denotes a custom configuration or specific cable jacket color (usually Green for Industrial Ethernet/Profinet or Black). --- ### 3. Key Features and Applications #### Electronic & Mechanical Features * **High Shielding Effectiveness:** Designed to prevent EMI (Electromagnetic Interference) in factory floors near high-voltage machinery. * **Vibration Resistance:** The Y-Con system features integrated locking mechanisms that exceed standard RJ45 friction fits. * **Robust Jacket:** The PUR material is chosen for its ability to withstand constant flexing (drag chains) and exposure to industrial lubricants. #### Common Applications 1. **Industrial Ethernet:** Connecting PLCs (Programmable Logic Controllers) to HMI panels. 2. **Machine Vision:** High-speed data transfer for industrial cameras. 3. **Robotics:** Used in cable tracks where flexibility and durability are required. --- ### 4. Wiring Diagram (Standard T568B) | Pin | Wire Color | Function | | :--- | :--- | :--- | | 1 | White/Orange | Transmit+ | | 2 | Orange | Transmit- | | 3 | White/Green | Receive+ | | 4 | Blue | Reserved | | 5 | White/Blue | Reserved | | 6 | Green | Receive- | | 7 | White/Brown | Reserved | | 8 | Brown | Reserved | ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the IP20 and IP67 versions of this connector?
    • ⤷ Can this cable be used in high-flex drag chain applications?
    • ⤷ What are the compatible mating sockets for the Y-CON-R422M?