Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • Y-CONC-R422M-RJ6P-2000-A

  • AI
    The **Y-CONC-R422M-RJ6P-2000-A** is a specialized industrial cable assembly, typically associated with motion control systems and servo motor interfaces (often used in conjunction with Yaskawa or similar industrial automation hardware). Below is a breakdown of its electronic and mechanical specifications. ### 1. Component Breakdown | Feature | Specification Details | | :--- | :--- | | **Connector Type A** | Circular Industrial Connector (typically M-series or proprietary) | | **Connector Type B** | RJ45 6-Pin (6P) or specialized data plug | | **Cable Length** | 2000mm (2 Meters) | | **Application** | Encoder feedback, serial communication, or sensor interfacing | | **Shielding** | Foil and/or Braided shield for EMI/RFI protection | --- ### 2. Key Electronic Characteristics #### A. Signal Integrity As a cable designed for industrial environments, it focuses on high noise immunity. This is critical for **differential signals** (like RS-422/485) used in encoder feedback to ensure the controller receives accurate position data despite high-voltage motor interference. #### B. Pin Configuration (RJ6P) The "RJ6P" designation refers to a 6-pin modular-style connection. In the context of motion control: * **Power:** Usually carries +5V or +24V to power an encoder or sensor. * **Ground:** Common return path. * **Data Pairs:** Differential pairs (A+/A-, B+/B-) for high-speed data transmission. #### C. Durability and Rating * **Voltage Rating:** Typically rated for low voltage (30V - 60V DC). * **Temperature Range:** Often rated for -20°C to +80°C to withstand factory floor conditions. * **Flex Life:** Usually designed for static or moderate bending applications (check if "High Flex" is specified for robotic arms). --- ### 3. Usage Context This specific part number follows a nomenclature used for **Interface Cables**. It acts as a bridge between the **Servo Drive** (high-density connector) and the **Feedback Device** or **Network Hub**. --- ### 4. Technical Summary Table | Part Segment | Meaning | | :--- | :--- | | **Y-CON** | Series designation (often related to Yamaichi or Yaskawa compatible) | | **R422M** | Likely refers to RS-422 signal compatibility or M-series mating | | **RJ6P** | Registered Jack 6-Pin interface | | **2000** | Length in millimeters (2.0 Meters) | | **A** | Revision or specific wiring pinout version |
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout diagram for the RS-422 differential pairs in this cable?
    • ⤷ Is this cable rated for continuous flexing in a cable carrier/drag chain?
    • ⤷ Which specific servo drive models are compatible with the Y-CONC series?