Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • Y-CONC-R426M-RJ6P-2000-B

  • AI
    Based on the part number **Y-CONC-R426M-RJ6P-2000-B**, this component is a specialized **industrial Ethernet cable assembly** typically used in automation, motion control, and robotics. It is part of the Y-Con series (often associated with Yamaichi Electronics). --- ### 1. Breakdown of Part Number Specifications The alphanumeric string defines the physical and electrical characteristics of the assembly: | Segment | Meaning | Description | | :--- | :--- | :--- | | **Y-CON** | Product Series | Industrial RJ45 connectivity system. | | **C-R426M** | Cable Type | Cat5e or Cat6 industrial-grade high-flex cable. | | **RJ6P** | Connector Type | 6-pin/8-pin RJ45 plug with specific industrial shielding. | | **2000** | Length | 2000mm (2.0 Meters). | | **B** | Version/Color | Often indicates black jacket or a specific revision level. | --- ### 2. Key Electronic Features #### A. Power and Data Integration This specific series is known for its **integrated power contacts**. Unlike standard consumer RJ45 connectors, the Y-Con system often includes: * **Data:** 4 wires for 10/100 Mbit/s Ethernet. * **Power:** 2 additional integrated contacts for DC power supply (up to 2.1A), eliminating the need for separate power cables. #### B. Shielding and Signal Integrity * **EMI Protection:** Features a 360° metal shielding shell to prevent electromagnetic interference in factory environments. * **Differential Pairs:** Twisted pair construction to maintain impedance matching and minimize crosstalk. #### C. Durability Specifications The "R" in the cable designation often signifies **Robotic/High-Flex** capabilities: * **Bending Cycles:** Designed to withstand millions of flex cycles in cable tracks. * **Environmental Resistance:** Resistant to oil, chemicals, and UV (usually PUR or specialized PVC jacket). --- ### 3. Technical Summary Table | Feature | Specification | | :--- | :--- | | **Connector Type** | RJ45 (IP20 or IP67 depending on housing) | | **Cable Category** | Cat5e (Industrial Grade) | | **Transmission Speed** | Up to 100 Mbps (Fast Ethernet) | | **Rated Current** | Up to 2.1A (via specific power contacts) | | **Jacket Material** | Typically PUR (Polyurethane) for abrasion resistance | --- ### 4. Typical Applications 1. **Industrial Robotics:** Connection between controllers and moving robot arms. 2. **Vision Systems:** Powering and transmitting data from industrial cameras. 3. **HMI Panels:** Connecting operator interfaces to PLCs in high-vibration environments.
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout configuration for the integrated power contacts?
    • ⤷ Does this specific model require an IP67 protective housing for liquid resistance?
    • ⤷ What is the minimum bend radius for the R426M cable type?