Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • Y-CONC-R426P-RJ2L-2000-C

  • AI
    The **Y-CONC-R426P-RJ2L-2000-C** is a specialized industrial networking cable assembly, typically produced by manufacturers like **Yamaichi Electronics**. It is designed for high-reliability Ethernet connectivity in harsh environments. --- ## 1. Component Overview This part belongs to the **Y-Con** series, which is a modular connector system specifically designed for Industrial Ethernet (RJ45). ### Technical Specifications Table | Feature | Detail | | :--- | :--- | | **Connector Type** | RJ45 (Y-Con Series) | | **Pin Configuration** | 8 Pins (Standard RJ45) + 2 Power Contacts (Optional) | | **Cable Length** | 2000mm (2.0 Meters) | | **Shielding** | Fully Shielded (STP/S-FTP) | | **Communication Standard** | Ethernet (Cat 5e or Cat 6 compatible) | | **Environmental Protection** | Typically IP20 (unless used with IP67 housing) | --- ## 2. Key Electronic Features ### A. Integrated Power Contacts Unlike standard consumer RJ45 cables, the Y-Con system often features **two additional power contacts**. This allows the cable to transmit both high-speed data and auxiliary power without needing a separate power line or relying solely on standard PoE (Power over Ethernet) which might have current limitations. ### B. EMI/EMC Protection The "C" suffix and general series design indicate high levels of shielding. - **Shielding:** The cable uses a metal-cased RJ45 plug to ensure 360° shielding against Electromagnetic Interference (EMI), which is critical in factory environments near high-voltage motors or drives. - **Signal Integrity:** Designed to maintain 100MHz+ frequencies for stable data transmission. ### C. Mechanical Durability - **Strain Relief:** The "R426P" designation often refers to a specific overmolded strain relief or cable boot that prevents internal wire breakage during vibration. - **Locking Mechanism:** Features a robust latching system to prevent accidental disconnection in high-vibration scenarios (e.g., robotic arms). --- ## 3. Pinout and Wiring Structure The assembly follows a standard Ethernet pairing but includes heavy-duty insulation. ```yaml Internal_Structure: Data_Pairs: 4 Pairs (Twisted) Power_Lines: 2 Lines (Integrated) Jacket_Material: PUR (Polyurethane) or PVC (Application dependent) Bending_Radius: High-flex rated for moving parts ``` --- ## 4. Typical Applications 1. **Industrial Automation:** Connecting PLCs (Programmable Logic Controllers) to HMIs. 2. **Robotics:** Used in cable tracks/drag chains due to high flexibility. 3. **Vision Systems:** Connecting industrial cameras to servers where high bandwidth and shielding are required.
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout for the integrated power contacts in the Y-Con series?
    • ⤷ Can this cable be used with a standard IP67 waterproof housing?
    • ⤷ What is the maximum current rating for the power contacts in this specific model?