Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • Y-CONC-R82CU-RJ6M-2000-C

  • AI
    The **Y-CONC-R82CU-RJ6M-2000-C** is a high-performance industrial networking cable assembly, typically used in automation and motion control environments. This specific part number follows the nomenclature used by manufacturers like **Yaskawa** or their connector partners (such as Yamaichi). Below is a breakdown of its electronic and mechanical specifications. --- ### 1. Component Breakdown The part number can be decoded into its core electronic elements: | Feature | Specification | Description | | :--- | :--- | :--- | | **Connector Type A** | RJ45 (6-pin/8-pin) | Industrial grade RJ45 with robust shielding. | | **Connector Type B** | R82CU (Custom) | Likely a circular or specific rectangular I/O connector. | | **Cable Length** | 2000 mm | 2.0 meters total length. | | **Shielding** | S/STP or SF/UTP | Double-shielded to prevent EMI in factory settings. | | **Communication** | Ethernet/Mechatrolink | Optimized for high-speed serial data transmission. | --- ### 2. Electronic Characteristics These cables are designed to maintain signal integrity in "noisy" electrical environments (environments with high Electromagnetic Interference). * **Differential Impedance:** Typically matched to **100Ω** to minimize signal reflections, essential for high-speed data. * **Contact Resistance:** Extremely low (usually **< 20mΩ**) to ensure power and data transfer efficiency. * **Voltage Rating:** Designed for low-voltage signaling, typically up to **30V - 125V AC/DC**. * **Current Capacity:** Generally rated for **1A to 1.5A** per pin, depending on the wire gauge (AWG). --- ### 3. Physical & Material Construction The "electronic" performance is supported by the physical build quality: 1. **Gold Plating:** The pins are usually plated with **3μ" to 50μ" of gold** to prevent oxidation and ensure a reliable connection over thousands of mating cycles. 2. **Twisted Pair Wiring:** Uses twisted pairs to provide inherent noise cancellation (Crosstalk reduction). 3. **Jacket Material:** Often **PUR (Polyurethane)** or **PVC**, which provides resistance to oil, chemicals, and continuous flexing (common in robotic arms). --- ### 4. Typical Applications * **Servo Drive Interconnects:** Connecting a motion controller to a Yaskawa Sigma-series servo drive. * **Industrial Ethernet:** Used in EtherCAT, PROFINET, or Mechatrolink-III protocols. * **Vision Systems:** Transferring high-speed image data from industrial cameras to processing units. ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the R82CU connector side?
    • ⤷ Is this cable rated for continuous flex or robotic track applications?
    • ⤷ What is the maximum data transfer rate supported by this assembly?