Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • YB216CWCPG01-5C-JS

  • AI
    The **YB216CWCPG01-5C-JS** is a high-quality, panel-mount pushbutton switch manufactured by **NKK Switches**. It belongs to the YB2 series, which is known for its tamper-resistant design and sleek, flush-mount appearance. --- ### 1. Technical Specifications | Feature | Specification | | :--- | :--- | | **Circuit** | DPDT (Double Pole Double Throw) | | **Switch Function** | On-On (Maintained/Latching) | | **Current Rating** | 3A @ 125V AC / 3A @ 250V AC / 0.4VA @ 28V AC/DC | | **Illumination Type** | LED (Full Face) | | **LED Color** | Red | | **Cap Color/Material** | Clear Lens with White Filter / Polycarbonate | | **Termination Style** | Solder Lug | | **Mounting Type** | Panel Mount, Front (16mm hole) | | **Ingress Protection** | IP65 (Dust tight and Water resistant) | --- ### 2. Electronic Component Breakdown #### A. Circuitry: DPDT (Double Pole Double Throw) This part features two separate circuits controlled by a single actuator. Each "pole" can switch between two different output paths. This is ideal for controlling two separate functions simultaneously (e.g., turning on a motor and a status light at the same time). #### B. Switching Logic: Maintained (Latching) Unlike a momentary switch (which springs back immediately), this is a **maintained** switch. When you press it, it stays in the down/on position until you press it again to release it. #### C. LED Illumination (-5C-JS) * **-5C:** Represents the Red LED specification. * **-JS:** Refers to the specific silver-colored, rectangular/square cap style with a metallic finish bezel. * The LED is independent of the switch circuit, meaning it can be wired to stay on constantly or only light up when the switch is activated. #### D. Environmental Sealing The "W" in the part number indicates a **waterproof/splashproof** construction. It utilizes an internal o-ring and a silicone rubber seal to achieve an **IP65 rating**, making it suitable for industrial control panels exposed to moisture or dust. --- ### 3. Dimensional Data * **Bushing Diameter:** 16mm (Standard industrial cutout). * **Body Style:** "CW" (Customizable/Compact White body) with a metallic bezel for a flush-to-panel look. ---
    ✨ Follow-up Questions
    • ⤷ What is the voltage drop and current requirement for the Red LED in this switch?
    • ⤷ How does a DPDT circuit differ from a SPDT circuit in practical applications?
    • ⤷ What are the recommended soldering temperatures for the solder lug terminals?