Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • YK-046-R

  • AI
    The **YK-046-R** is a specific model of a wireless remote control transmitter, typically used in radio frequency (RF) applications such as garage door openers, security systems, and smart home lighting. It generally operates on the **315MHz** or **433MHz** frequency band. --- ### Core Electronic Components The internal architecture of the YK-046-R consists of several key functional blocks: | Component Category | Specific Part / Description | Function | |:---|:---|:---| | **Microcontroller / Encoder IC** | Often EV1527 or PT2262 | Encodes the button press into a unique digital serial code to prevent interference. | | **RF Oscillator** | SAW Filter (Surface Acoustic Wave) | Stabilizes the transmission frequency (e.g., 315MHz) to ensure precision. | | **Antenna** | PCB Trace or Internal Coil | Radiates the RF signal into the air. | | **User Interface** | Tactile Push Buttons (usually 4) | Closes the circuit to initiate a signal transmission. | | **Power Source** | 12V 27A or CR2032 Battery | Provides the voltage required for the encoder and RF stage. | | **Status Indicator** | LED (Light Emitting Diode) | Provides visual feedback that a signal is being sent. | --- ### Technical Specifications Below are the typical electronic characteristics of this module: * **Operating Voltage:** 3V to 12V DC (depending on battery type). * **Operating Current:** $\approx$ 10-15 mA during transmission. * **Modulation Type:** ASK (Amplitude Shift Keying) or OOK (On-Off Keying). * **Transmission Distance:** 50m - 100m (open space, line of sight). * **Coding Type:** Learning code (EV1527) or Fixed code. --- ### Working Principle 1. **Input:** The user presses one of the four buttons on the YK-046-R. 2. **Encoding:** The **Encoder IC** wakes up and generates a binary string containing a unique ID and the specific command bit for that button. 3. **Modulation:** This digital string is sent to the **RF circuit**, which "toggles" the high-frequency carrier wave (315/433MHz) on and off based on the bits (ASK modulation). 4. **Transmission:** The **SAW filter** ensures the frequency does not drift, and the signal is broadcast via the **Antenna**. 5. **Reception:** A compatible receiver (like the RX480E) decodes the signal and triggers a relay or microcontroller. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the 315MHz and 433MHz versions of this remote?
    • ⤷ How do you pair a YK-046-R with a wireless relay receiver?
    • ⤷ Can the EV1527 chip in this remote be reprogrammed with a new ID?