Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • YSDAXX11CDN

  • AI
    The **YSDAXX11CDN** (specifically the **YSDA0511CDN** variant, often part of the YSDA series) is a high-performance **Transient Voltage Suppressor (TVS) Diode**. These components are primarily used for ESD (Electrostatic Discharge) protection in high-speed data lines. --- ### 1. Technical Specifications The following table outlines the typical electrical characteristics for the YSDA series (specifically the 5V model, which is the most common in this footprint): | Parameter | Symbol | Typical Value | | :--- | :--- | :--- | | **Reverse Stand-Off Voltage** | $V_{RWM}$ | 5.0 V | | **Breakdown Voltage** | $V_{BR}$ | 6.0 V (Min) | | **Clamping Voltage** | $V_C$ | 12 V (@ $I_{PP}$ = 1A) | | **Peak Pulse Current** | $I_{PP}$ | 4.0 A | | **Junction Capacitance** | $C_j$ | 0.4 pF - 0.6 pF | | **Package Type** | DFN / SOD | DFN1006 (0402) | --- ### 2. Key Features * **Ultra-Low Capacitance:** With a capacitance value often below 1.0pF, this part is designed to protect high-speed lines without distorting the signal. * **Fast Response Time:** TVS diodes react in nanoseconds to shunt excess voltage to ground. * **Small Footprint:** Usually housed in a **DFN1006-2L** package (equivalent to 0402 metric), making it ideal for space-constrained mobile devices. * **Unidirectional/Bidirectional:** Depending on the specific suffix, these can protect lines with positive signals or signals that swing above and below ground. --- ### 3. Common Applications Due to its low capacitance and high ESD immunity (Contact/Air discharge up to ±15kV or higher), it is frequently found in: 1. **USB 2.0 / 3.0 / 3.1 Ports:** Protecting data pins (D+ / D-). 2. **HDMI/DisplayPort:** High-definition video interfaces. 3. **Antenna Protection:** Shielding RF circuits from static. 4. **Mobile Handsets:** General protection for SIM cards, keypads, and touch screens. --- ### 4. Equivalent Circuit Representation In a circuit diagram, the part is represented as a Zener-style diode placed in parallel with the signal line: ```text Signal Line -----------+----------- To IC | _|_ / \ (TVS Diode) --- | GND ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum peak pulse power (Ppk) rating for this specific TVS diode series?
    • ⤷ How does the ultra-low capacitance of this part prevent signal integrity issues in USB 3.0?
    • ⤷ What are the primary differences between the YSDA0511CDN and the YSDA1211CDN?