Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • YT-W-R

  • AI
    Based on technical specifications for the **YT-W-R** series (commonly identified as a WiFi-enabled smart relay or wireless receiver module used in home automation and garage door control), here is a breakdown of its electronic components and functionality. --- ## 1. Core Component Categories The YT-W-R module is an integrated circuit assembly designed to bridge high-voltage loads with low-voltage digital control signals via 2.4GHz wireless protocols. | Component Type | Specific Parts / Description | Function | | :--- | :--- | :--- | | **Microcontroller (MCU)** | ESP8266 or ESP32 (typically) | Handles logic, WiFi stack, and GPIO processing. | | **Relay** | Electromagnetic Switch (SRD-05VDC or similar) | Physically opens/closes the circuit for high-power devices. | | **Power Conversion** | Step-down Buck Converter / AC-DC Module | Converts mains voltage (110V/220V) to 5V or 3.3V DC. | | **Antenna** | PCB Trace Antenna or IPEX connector | Facilitates 2.4GHz signal reception and transmission. | | **Isolation** | Optocoupler (in some variants) | Separates high-voltage load from sensitive digital logic. | --- ## 2. Technical Specifications Most YT-W-R models adhere to the following electronic parameters: * **Input Voltage:** 90V - 250V AC (or 5V-32V DC for low-voltage versions). * **Maximum Load:** 10A / 2200W (Resistive). * **Wireless Standard:** IEEE 802.11 b/g/n. * **Frequency:** 2.412 GHz - 2.484 GHz. * **Security:** WPA-PSK / WPA2-PSK. --- ## 3. Circuit Block Analysis ### A. The Wireless Module The "brain" is usually an AI-Thinker or Tuya-based WiFi module. It manages the connection to the router and listens for "MQTT" or "HTTP" commands. When it receives a "Turn On" command, it sends a **High** signal to a transistor. ### B. Switching Mechanism Since the MCU cannot provide enough current to move the relay's physical arm, a **NPN Transistor** acts as a driver. When triggered, it allows current to flow through the relay coil, creating a magnetic field that closes the contact points (COM and NO). ### C. Safety Components * **Varistor (MOV):** Protects the circuit from voltage spikes/surges. * **Flyback Diode:** Placed across the relay coil to prevent voltage kicks from damaging the MCU when the relay switches off. * **Fuse:** A small thermal or glass fuse to prevent fire in case of a short circuit. --- ## 4. Connection Interface The YT-W-R typically features screw terminals labeled as follows: 1. **L (Line In):** Live wire from the power source. 2. **N (Neutral In):** Neutral wire from the power source. 3. **L-Out / NO:** The output to the appliance/light. ```cpp // Logic flow for YT-W-R custom firmware (Example) if (WiFi.status() == WL_CONNECTED) { if (receivedCommand == "ON") { digitalWrite(RELAY_PIN, HIGH); // Activates the electromagnet } else { digitalWrite(RELAY_PIN, LOW); // Deactivates the electromagnet } } ```
    ✨ Follow-up Questions
    • ⤷How do I wire a YT-W-R module to a standard light switch?
    • ⤷ What is the difference between the AC and DC versions of the YT-W-R?
    • ⤷ Can the YT-W-R be flashed with Tasmota or ESPHome firmware?