Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • YVF4-R

  • AI
    The **YVF4-R** series refers to a specialized line of high-performance, variable-frequency speed-regulating three-phase asynchronous motors, often specifically designed with integrated **Resolvers** (indicated by the "-R" suffix). These are widely used in heavy-duty industrial automation where precise speed and position control are required. --- ### 1. Key Electronic Components and Features The "electronic" profile of a YVF4-R motor involves its internal feedback sensors and its interaction with external drive electronics. | Component | Description | Function | | :--- | :--- | :--- | | **Resolver (-R)** | A rotary electrical transformer. | Provides high-precision angular position and velocity feedback to the VFD. | | **Thermistor (PTC/PT100)** | Embedded temperature sensors in the windings. | Protects the motor from overheating during low-speed, high-torque operation. | | **Independent Cooling Fan** | A separate axial flow fan (IC416). | Ensures constant cooling regardless of the main motor shaft speed. | | **Insulated Bearings** | Special coating or ceramic balls (optional). | Prevents "bearing currents" caused by high-frequency VFD switching (PWM). | --- ### 2. Technical Specifications Table | Parameter | typical Specification | | :--- | :--- | | **Control Method** | Frequency Inverter (VFD) driven | | **Feedback Type** | Resolver (Brushless) | | **Insulation Class** | Class F or H | | **Protection Class** | IP54 / IP55 | | **Cooling Method** | IC416 (Forced Ventilation) | | **Speed Range** | 5Hz - 100Hz (Constant torque/power shifts) | --- ### 3. Connection and Wiring Logic The electronic integration follows a specific path to ensure the Variable Frequency Drive (VFD) can interpret the motor's state: 1. **Power Terminals (U, V, W):** Connected to the VFD output. 2. **Resolver Plug:** A multi-pin connector (usually 6-pin) that sends sine/cosine signals back to the VFD’s encoder card. 3. **Brake Terminals (Optional):** If equipped with an electromagnetic brake for holding loads. 4. **Fan Power:** A separate 220V or 380V supply to keep the fan running at 100% speed even if the motor is at 10% speed. ### 4. Why use a Resolver (-R) instead of an Encoder? The "R" variant is chosen for specific electronic environments: * **Durability:** Resolvers have no onboard electronics/glass discs, making them immune to extreme heat, vibration, and radiation. * **Reliability:** Ideal for "dirty" electronic environments with high EMI (Electromagnetic Interference). ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the YVF4-R and a standard Y2 series motor?
    • ⤷ How do you wire a resolver to a VFD for a YVF4-R motor?
    • ⤷ Which industries typically use the YVF4-R with resolver feedback?