Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • Z-141-R

  • AI
    Based on technical specifications for industrial electronic components, the **Z-141-R** typically refers to a high-performance **Electromagnetic Solenoid Valve** or a specific **Relay/Switch component** (often associated with brands like CKD or specialized electrical manufacturers). Below is a breakdown of the electronic and mechanical characteristics associated with this part. --- ### 1. Technical Specifications The "R" suffix usually denotes a specific voltage rating (often AC100V or 24V DC depending on the manufacturer series) or a reinforced internal structure. | Feature | Description | | :--- | :--- | | **Component Type** | Electromagnetic Actuator / Solenoid | | **Operating Voltage** | Typically 24V DC or 110V/220V AC (model dependent) | | **Power Consumption** | Low wattage (usually 1.8W to 4W) | | **Response Time** | Fast-acting (typically <20ms) | | **Duty Cycle** | 100% Continuous Duty | --- ### 2. Core Electronic Components The Z-141-R consists of several critical internal parts that manage the conversion of electrical energy into physical motion: * **Solenoid Coil:** A tightly wound copper wire coil that generates a magnetic field when current passes through it. * **Armature (Plunger):** The moving metallic core that responds to the magnetic field. * **Return Spring:** Ensures the component returns to its default state when power is cut. * **Surge Suppressor:** Often included in the "R" variants to prevent voltage spikes from damaging the controlling PLC or circuit. * **Lead Wires/Connector:** Standardized interface for electrical integration. --- ### 3. Functional Operation The operation follows a standard electromagnetic sequence: 1. **Energization:** Electrical current enters the **Coil**. 2. **Magnetic Induction:** A magnetic field is created, pulling the **Armature** toward the center of the coil. 3. **Mechanical Action:** This movement opens a valve or closes a switch contact. 4. **De-energization:** When power is removed, the magnetic field collapses, and the **Return Spring** resets the part. --- ### 4. Applications Parts like the Z-141-R are commonly found in: * **Pneumatic Control Systems:** Directing the flow of air to cylinders. * **Automated Machinery:** Acting as a trigger for mechanical gates. * **Medical Equipment:** Controlling fluid or air pressure with high precision. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific input voltage for your Z-141-R unit?
    • ⤷ Do you need a wiring diagram for the surge protection pins?
    • ⤷ Are you replacing this part in a CKD or similar pneumatic system?