Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • Z2-R2

  • AI
    The **Z2-R2** is a modular, multi-rotor flight controller and power distribution system often used in specialized drone builds or robotics. To understand its electronic architecture, we must look at its components across three main categories: Power Management, Processing, and Interfacing. --- ### 1. Key Electronic Components The board is characterized by its high-density PCB layout and specific hardware modules designed for stability and high-current handling. | Component Category | Hardware Part / Feature | Function | | :--- | :--- | :--- | | **Microcontroller** | ARM Cortex-M Series | Handles flight control loops, PID calculations, and telemetry processing. | | **IMU (Inertial Measurement Unit)** | MPU6000 or similar | Combines a 3-axis gyroscope and a 3-axis accelerometer for orientation sensing. | | **Power Distribution** | Integrated Copper Bus | Distributes high current (up to 120A+) from the battery to the individual ESCs. | | **Voltage Regulation** | Dual BEC (5V & 12V) | Steps down battery voltage to power the FC, GPS, and FPV gear. | | **Connectivity** | UART / I2C / CAN-bus | Protocols used to communicate with peripherals like GPS, compass, and smart batteries. | --- ### 2. Functional Electronic Blocks #### A. The Power Circuitry The Z2-R2 acts as a **Power Distribution Board (PDB)**. It uses thick copper traces (often 2oz or 4oz copper) to minimize resistance. * **Current Sensor:** A shunt resistor-based circuit that measures real-time amperage to calculate battery consumption. * **LC Filter:** Integrated capacitors and inductors that "clean" the electrical noise generated by the motors to ensure a clear video signal. #### B. The Logic Circuitry This is the "brain" of the unit. It typically operates at **3.3V**, regulated from the main battery. * **Flash Memory:** A small onboard chip (typically 16MB) used for "Blackbox" logging of flight data. * **OSD Chip:** An AT7456E (or equivalent) chip that overlays flight data (speed, altitude, battery) onto the analog video signal. #### C. Signal Processing The Z2-R2 utilizes hardware inverters on its UART ports to ensure compatibility with various radio protocols like **SBUS**, **PPM**, and **CRSF (Crossfire)**. --- ### 3. Safety and Protection Features The electronics are protected by several passive and active components: 1. **TVS Diodes:** Protect the board from voltage spikes (surges) when plugging in the battery. 2. **Galvanic Isolation:** In some variants, the signal ground is separated from the power ground to prevent "ground loops" which cause interference. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific voltage input ranges for the Z2-R2 board?
    • ⤷ How do you configure the UART ports for GPS integration on this hardware?
    • ⤷ Does the Z2-R2 support Betaflight or ArduPilot firmware?