Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • Z2012

  • AI
    The **Z2012** (often referred to in full as **0805** in imperial units) is a standardized size code for surface-mount device (SMD) electronic components. It refers to the physical dimensions of the component's package. --- ### 1. Physical Dimensions The name "Z2012" is derived from the metric measurement system (millimeters). | Dimension | Metric (Z2012) | Imperial (0805) | | :--- | :--- | :--- | | **Length (L)** | 2.0 mm | 0.08 inches | | **Width (W)** | 1.25 mm | 0.05 inches | | **Common Height (H)** | 0.5 mm - 1.25 mm | 0.02 - 0.05 inches | --- ### 2. Common Components in Z2012 Packaging This size is one of the most popular in the electronics industry because it strikes a balance between being small enough for high-density circuits and large enough to be easily handled by pick-and-place machines. #### A. Multilayer Ceramic Capacitors (MLCC) In the Z2012 format, MLCCs are widely used for decoupling and filtering. * **Capacitance Range:** Typically 0.1µF to 47µF. * **Voltage Range:** Generally 6.3V to 100V. #### B. Chip Resistors Resistors in this package are common in power-sensitive circuits. * **Power Rating:** Usually **1/8W (0.125W)** or **1/10W (0.10W)**. * **Tolerance:** Available in 1% and 5% standard. #### C. Chip Inductors / Ferrite Beads Used for noise suppression (EMI filtering) and signal processing. * **Ferrite Beads:** Highly common in Z2012 to suppress high-frequency noise on power lines. --- ### 3. Advantages and Disadvantages | Feature | Description | | :--- | :--- | | **Solderability** | Easy to hand-solder compared to smaller sizes like 0402 or 0201. | | **Power Handling** | Better thermal dissipation than 1608 (0603) parts. | | **Space Efficiency** | Larger footprint; not ideal for ultra-compact devices like smartphones. | | **Mechanical Strength** | More resistant to PCB flexing than larger packages like 3216 (1206). | --- ### 4. PCB Design Considerations When designing a footprint for a Z2012 component, the "Land Pattern" must account for the solder fillet. A standard footprint usually follows these approximations: * **Pad Width:** ~1.3 mm * **Pad Length:** ~1.1 mm * **Gap between pads:** ~1.0 mm
    ✨ Follow-up Questions
    • ⤷ What is the difference between Z2012 and 1608 metric sizes?
    • ⤷ How much power can a Z2012 resistor typically handle?
    • ⤷ Are Z2012 components suitable for hand-soldering?