Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • Z201250R00VB

  • AI
    Based on the part number provided, this component is a **Precision Foil Resistor** (Z-Foil technology) manufactured by **Vishay Foil Resistors (VPG)**. These resistors are known for their industry-leading stability and ultra-low Temperature Coefficient of Resistance (TCR). --- ### 1. Technical Specifications (Breakdown) The part number **Z201250R00VB** follows a specific nomenclature. Below is the technical breakdown: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Series** | **Z201** | Ultra-high precision Z-Foil through-hole resistor. | | **Resistance Value** | **250R00** | 250.00 Ohms. | | **Tolerance** | **V** | ±0.005% (Extremely tight precision). | | **Termination** | **B** | Bulk Pack (standard lead-free / RoHS compliant). | ### 2. Key Performance Characteristics * **Temperature Coefficient (TCR):** Typically ±0.05 ppm/°C (0°C to +60°C). This means the resistance value barely changes despite temperature fluctuations. * **Load Life Stability:** Exceptional long-term stability (±0.005% after 2,000 hours at rated power). * **Electrostatic Discharge (ESD):** Highly robust against ESD spikes compared to thin-film alternatives. * **Rise Time:** Very fast (1 nanosecond), meaning it has effectively no ringing or inductance. ### 3. Internal Construction The **Z201** series uses a proprietary "Bulk Metal Foil" technology. A cold-rolled Ni/Cr alloy is bonded to a high-purity ceramic substrate. * **Photo-etching:** The resistive pattern is etched into the foil. * **Trimming:** It is fine-tuned to the exact ohmic value using a laser or manual calibration. * **Encapsulation:** It is coated in a high-temperature epoxy for moisture protection and mechanical durability. --- ### 4. Common Applications Due to its extreme precision and cost, this part is used in high-end circuitry where errors cannot be tolerated: 1. **Metrology:** Calibration standards and laboratory equipment. 2. **Medical Imaging:** Precision gain control for MRI and CT scanners. 3. **Aerospace/Defense:** Guidance systems and satellite communication. 4. **High-End Audio:** Reducing noise floor and signal distortion in premium amplifiers. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between Z-Foil and standard Thin Film resistors?
    • ⤷ How does the 'V' tolerance (0.005%) impact the manufacturing cost?
    • ⤷ Can this resistor be used in high-frequency AC applications?