Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • Z2012U

  • AI
    Based on your query, it appears you are referring to the **Z2012U**, which is a specific series of **Multilayer Chip Bead (Ferrite Bead)** often manufactured by companies like **TDK** or **Murata** (specifically the MMZ2012 series). These components are surface-mount devices (SMD) used primarily for noise suppression in electronic circuits. --- ## Technical Specifications The "2012" in the part number refers to the package size in metric units (2.0mm x 1.25mm), which corresponds to the **0805** imperial size. | Parameter | Specification | | :--- | :--- | | **Component Type** | Ferrite Chip Bead | | **Package Size (Metric)** | 2012 (2.0mm x 1.25mm) | | **Package Size (Imperial)** | 0805 (0.08" x 0.05") | | **Material** | Ferrite (Nickel-Zinc or Manganese-Zinc) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Operating Temp** | -55°C to +125°C (Standard) | --- ## Key Functions of the Z2012U Series The primary purpose of a ferrite bead like the Z2012U is to filter out high-frequency electromagnetic interference (EMI). ### 1. High-Frequency Suppression At low frequencies, the component acts as a near-zero resistance conductor. At high frequencies (the "noise" range), the ferrite material becomes resistive and dissipates the noise energy as a tiny amount of heat. ### 2. Impedance Characteristics Unlike a standard inductor, these beads are designed to have high **impedance** at specific frequency ranges (e.g., 100MHz). This prevents noise from traveling through power lines or signal lines. --- ## Applications The Z2012U is commonly used in the following areas: * **Power Lines:** Filtering DC power supplies for CPUs, GPUs, and sensitive analog circuits. * **Signal Lines:** Reducing noise on high-speed data lines (USB, HDMI, Ethernet). * **Consumer Electronics:** Found in smartphones, tablets, and laptops to meet EMC (Electromagnetic Compatibility) standards. --- ## Sample Code: Identifying Part Values If you are looking for specific impedance values within this series, you would look at the suffix of the part number. ```python # Example logic for parsing TDK MMZ2012 series parts parts = { "Z2012U-601": {"Impedance": "600 Ohms", "Freq": "100MHz"}, "Z2012U-102": {"Impedance": "1000 Ohms", "Freq": "100MHz"}, "Z2012U-300": {"Impedance": "30 Ohms", "Freq": "100MHz"} } def get_part_info(part_no): return parts.get(part_no, "Part specifications vary by manufacturer.") print(get_part_info("Z2012U-601")) ```
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating for Z2012U series beads?
    • ⤷ How do I choose between different impedance values for EMI filtering?
    • ⤷ What is the difference between a ferrite bead and a standard inductor?