Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • Z22-R

  • AI
    The **Z22-R** typically refers to a high-performance **Surface Mount (SMD) Power Inductor**, often utilized in automotive and industrial electronic circuits. These components are designed to manage power regulation with high efficiency and low electromagnetic interference (EMI). --- ## 1. Core Technical Specifications The "R" in Z22-R often signifies the resistance or specific series tolerance. Below are the typical electronic characteristics for this class of component: | Feature | Description | | :--- | :--- | | **Component Type** | Shielded Power Inductor | | **Mounting Type** | SMD/SMT (Surface Mount Technology) | | **Core Material** | Composite Iron Powder or Ferrite | | **Inductance Range** | Typically 0.22µH to 22µH (depending on the full part code) | | **Operating Temp** | -40°C to +125°C or +155°C (Automotive Grade) | | **Shielding** | Magnetically Shielded (Low EMI) | --- ## 2. Key Electronic Functions The Z22-R inductor serves three primary roles within a circuit: 1. **Energy Storage:** It stores energy in a magnetic field during the "on" cycle of a switching regulator and releases it during the "off" cycle. 2. **Filtering:** It acts as a low-pass filter, smoothing out ripples in DC-DC converters to provide stable voltage to sensitive components like CPUs or Sensors. 3. **Noise Suppression:** Due to its magnetic shielding, it prevents high-frequency noise from escaping the power supply area and interfering with other parts of the PCB. --- ## 3. Physical Construction The "Z22" designation usually refers to the physical footprint or frame size. * **Terminals:** Usually features tinned copper lead frames for high-reliability soldering. * **Molding:** Many Z22-R parts use a **molded construction**. This means the coil is embedded directly into a metal powder composite, which eliminates "acoustic noise" (the humming sound sometimes heard in electronics). * **Saturation Current:** These parts are engineered for a "soft saturation" characteristic, meaning the inductance drops gradually rather than abruptly when the current increases. --- ## 4. Common Applications * **Automotive Electronics:** Used in ADAS cameras, infotainment systems, and LED lighting drivers. * **Industrial Power:** DC-DC converters for heavy machinery controls. * **Computing:** High-current Point-of-Load (POL) converters for motherboards.
    ✨ Follow-up Questions
    • ⤷ What is the saturation current rating for a specific Z22-R manufacturer?
    • ⤷ How does the molded construction of the Z22-R compare to traditional wire-wound inductors?
    • ⤷ Can the Z22-R be used in high-frequency switching regulators above 2MHz?