Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • Z2AB

  • AI
    The **Z2AB** is a specific marking code (SOT-23 package) typically used to identify the **XC6202P252MR** or similar series of voltage regulators. These are high-speed, low-power, CMOS-based components designed for voltage stability in compact electronic circuits. --- ### 1. General Specifications The Z2AB (XC6202P252MR) is primarily a **Positive Fixed Voltage Regulator**. Below are its typical technical characteristics: | Parameter | Value | | :--- | :--- | | **Output Voltage** | 2.5V (Fixed) | | **Input Voltage Range** | Up to 20V | | **Max Output Current** | 150mA | | **Dropout Voltage** | ~200mV @ 30mA | | **Package Type** | SOT-23 (3-pin) | | **Quiescent Current** | 10.0 $\mu$A (Low power consumption) | --- ### 2. Internal Electronic Structure The component consists of four main functional blocks integrated onto a single CMOS chip: 1. **Reference Voltage Source:** Provides a stable comparison point to ensure output accuracy. 2. **Error Amplifier:** Monitors the difference between the reference and the actual output. 3. **Current Limiter:** Protects the part from short circuits or excessive load. 4. **Phase Compensation Circuit:** Ensures the regulator remains stable even with varying output capacitors. --- ### 3. Pin Configuration (SOT-23) In standard applications, the three pins are mapped as follows: | Pin Number | Name | Function | | :--- | :--- | :--- | | **1** | **GND** | Ground connection. | | **2** | **Vout** | Regulated 2.5V output. | | **3** | **Vin** | Unregulated input voltage. | --- ### 4. Typical Application Circuit To use the Z2AB effectively, external capacitors are required to filter noise and maintain stability. ```c Vin (Input) ----+-----------[ Z2AB ]-----------+---- Vout (2.5V) | (Regulator) | [C1] [C2] (1uF Ceramic) (1uF Ceramic) | | GND ------------+------------------------------+---- GND ``` --- ### 5. Common Uses * **Battery-Powered Devices:** Due to low quiescent current, it preserves battery life. * **Reference Voltages:** Providing a stable 2.5V for ADCs or Microcontrollers. * **Communication Equipment:** Filtering noise for RF or Bluetooth modules.
    ✨ Follow-up Questions
    • ⤷ What are the alternatives to Z2AB if I need a higher output current?
    • ⤷ How does the Z2AB compare to the LM1117 series?
    • ⤷ What happens if the input voltage exceeds 20V?