Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • Z2Y-R

  • AI
    The **Z2Y-R** is a specific type of **Intermediate Power Relay** (often classified as a general-purpose electromagnetic relay) commonly used in industrial automation, control panels, and PLC interfacing. Below is a detailed breakdown of its electronic components and technical specifications. --- ### 1. Key Technical Specifications The Z2Y-R series is characterized by its compact size and plug-in mounting style. | Feature | Specification Details | | :--- | :--- | | **Contact Configuration** | Typically DPDT (2 Form C) | | **Contact Material** | Silver Alloy (AgNi or AgSnO2) | | **Rated Load (Resistive)** | 5A to 10A at 250VAC / 30VDC | | **Coil Voltage Options** | DC: 12V, 24V, 48V, 110V / AC: 24V, 110V, 220V | | **Mechanical Life** | $\geq$ 10,000,000 operations | | **Electrical Life** | $\geq$ 100,000 operations | | **Dielectric Strength** | 2,000VAC (between coil and contacts) | --- ### 2. Internal Electronic Structure The relay consists of four primary sections that work together to perform switching: #### A. The Electromagnetic Coil * **Function:** Converts electrical energy into a magnetic field. * **Component:** Fine copper wire wound around an iron core. When energized, it pulls the armature toward the core. #### B. The Contact System (Switching) * **Stationary Contacts:** Fixed points connected to the output terminals. * **Movable Armature:** A metal plate that moves when the coil is energized, changing the state of the circuit. * **Common (COM), Normally Open (NO), and Normally Closed (NC):** The three logical states of the pins. #### C. Built-in Indicators (Model Specific) * **LED Indicator:** Many Z2Y-R models include a small LED (usually green for DC and red for AC) to visually signal that the coil is energized. * **Mechanical Indicator:** A small colored flag that physically moves to show the relay's status. #### D. Protection Components * **Suppression Diode (Optional):** Some variants include a diode across the coil to prevent back-EMF (voltage spikes) from damaging the driving electronics (like a PLC output). --- ### 3. Pinout and Connection Logic The Z2Y-R usually follows a standard 8-pin layout (for 2-pole versions). ```text Terminal Layout (Top View): [ 1 ] [ 4 ] - NC (Normally Closed) [ 5 ] [ 8 ] - NO (Normally Open) [ 9 ] [12] - COM (Common) [13] [14] - Coil Terminals ``` --- ### 4. Applications * **PLC Interfacing:** Using a low-power PLC signal to switch high-power motors or solenoids. * **Signal Isolation:** Protecting sensitive control circuits from high-voltage noise. * **Logic Multiplication:** Using one input signal to switch multiple independent circuits simultaneously. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the AC and DC coil versions of the Z2Y-R?
    • ⤷ Which base or socket is compatible with the Z2Y-R relay?
    • ⤷ How do I test if the Z2Y-R coil is burnt out using a multimeter?