Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ZCSC-3-R3

  • AI
    The **ZCSC-3-R3** is a high-performance, coaxial 3-way 0° power splitter/combiner manufactured by **Mini-Circuits**. It is designed for RF and microwave applications, typically used to divide an input signal into three equal-phase output signals or to combine three signals into one. --- ### ## Technical Specifications The following table highlights the primary electrical characteristics of the ZCSC-3-R3: | Parameter | Value / Range | Unit | | :--- | :--- | :--- | | **Frequency Range** | 10 to 300 | MHz | | **Insertion Loss (Above 4.8 dB)** | 0.4 (Typ) / 0.8 (Max) | dB | | **Isolation** | 30 (Typ) / 20 (Min) | dB | | **Phase Unbalance** | 2.0 (Max) | Degrees | | **Amplitude Unbalance** | 0.2 (Max) | dB | | **VSWR (Input/Output)** | 1.15:1 / 1.10:1 (Typ) | Ratio | | **Maximum Power Input** | 1.0 (as splitter) | Watt | --- ### ## Key Features 1. **Low Insertion Loss:** High efficiency in signal distribution with minimal signal strength degradation. 2. **Excellent Isolation:** High isolation between output ports (typically 30 dB) prevents cross-talk and feedback between connected devices. 3. **Excellent Matching:** Low VSWR ensures minimal signal reflection, protecting sensitive upstream components. 4. **Rugged Construction:** Usually housed in a shielded aluminum case with coaxial connectors (typically BNC or SMA depending on the specific sub-model variant). --- ### ## Internal Block Diagram Logic Internally, the device uses a combination of transformers and resistors to achieve splitting and impedance matching. ```mermaid graph LR Input[Port S - Input] --> Node{Splitter Network} Node --> P1[Port 1 Out] Node --> P2[Port 2 Out] Node --> P3[Port 3 Out] style Node fill:#f9f,stroke:#333,stroke-width:2px ``` --- ### ## Common Applications * **VHF/UHF Communications:** Distributing antenna signals to multiple receivers. * **Laboratory Testing:** Splitting a signal generator source to test multiple devices simultaneously under identical phase conditions. * **Signal Combining:** Summing low-power signals for instrumentation or monitoring. ---
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions and connector types available for the ZCSC-3-R3?
    • ⤷ How does the ZCSC-3-R3 handle power dissipation when used as a combiner versus a splitter?
    • ⤷ Are there surface-mount equivalents to the ZCSC-3-R3 for PCB design?