Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ZD2.5L-CL2-R

  • AI
    Based on the part number **ZD2.5L-CL2-R**, this component is typically identified as a **Zener Diode** or a specific **Transient Voltage Suppressor (TVS)** diode, often used in circuit protection. The nomenclature usually breaks down into technical specifications regarding voltage, packaging, and polarity. --- ### 1. Technical Specifications | Parameter | Specification | Description | | :--- | :--- | :--- | | **Zener Voltage ($V_z$)** | 2.5V | The nominal voltage at which the diode begins to conduct in reverse bias. | | **Power Dissipation** | ~200mW - 500mW | Varies by package; typical for small-signal surface mount components. | | **Configuration** | Single / Unidirectional | Standard diode flow or specific clamping direction. | | **Packaging** | SOD / SOT Series | Usually found in ultra-small surface-mount packages (e.g., SOD-323 or SOD-523). | | **RoHS Status** | Compliant | The "-R" suffix usually denotes RoHS compliance and Lead-Free. | --- ### 2. Part Number Breakdown * **ZD**: Stands for **Zener Diode**. * **2.5L**: Indicates the **2.5 Volt** rating. The "L" often signifies low-leakage or a specific tolerance grade. * **CL2**: Refers to the internal manufacturer code for **Case Style** or specific clamping characteristics. * **-R**: Typically indicates **Tape & Reel** packaging for automated assembly and **RoHS** compliance. --- ### 3. Key Functions and Applications This part is primarily used for **Voltage Regulation** and **Circuit Protection**: 1. **Voltage Referencing**: Providing a stable 2.5V reference point for analog-to-digital converters (ADCs) or operational amplifiers. 2. **Overvoltage Protection**: Acting as a "clamp" to prevent sensitive low-voltage microprocessors (which often run on 1.8V or 2.5V rails) from being damaged by voltage spikes. 3. **Signal Clipping**: Preventing signals from exceeding a specific threshold in communication lines. --- ### 4. Circuit Diagram Representation In a schematic, the component is represented by the standard Zener symbol: ```text (Anode) | /| (Cathode) -----------|< |----------- | \| ``` *When the voltage at the Cathode exceeds 2.5V relative to the Anode, the diode conducts to ground, protecting the rest of the circuit.* ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum surge current (Ipp) for this specific diode series?
    • ⤷ Can this diode be used for ESD protection on high-speed data lines?
    • ⤷ What are the equivalent alternative part numbers for the ZD2.5L?