Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ZD3.3L-CL2-R

  • AI
    The **ZD3.3L-CL2-R** is a specific surface-mount Zener diode. It is primarily used for voltage regulation and protection against overvoltage in compact electronic circuits. --- ### 1. Key Technical Specifications The following table outlines the fundamental electrical characteristics of the device: | Parameter | Symbol | Value (Typical) | | :--- | :--- | :--- | | **Zener Voltage** | $V_z$ | 3.3V | | **Power Dissipation** | $P_d$ | 200mW - 500mW (varies by package) | | **Package Type** | SMT | SOD-323 / SOD-523 (Compact) | | **Configuration** | Single | Unidirectional | | **Tolerance** | - | ±5% (Standard) | --- ### 2. Part Number Breakdown The nomenclature typically used by manufacturers (like DIODES Inc. or Comchip) for this part follows this logic: * **ZD**: Zener Diode. * **3.3**: The nominal Zener voltage (3.3 Volts). * **L**: Low leakage or specific power rating designation. * **CL2**: Specific package code or internal revision identifier. * **R**: Indicates "Tape and Reel" packaging for automated SMT assembly. --- ### 3. Core Functions & Applications The ZD3.3L-CL2-R serves three primary roles in a circuit: #### A. Voltage Regulation It maintains a steady 3.3V across a load, even if the input voltage fluctuates. This is common in low-power microcontroller circuits. #### B. Clipping and Clamping It prevents signal spikes from exceeding 3.3V. This protects sensitive CMOS inputs that operate on a 3.3V logic level. #### C. ESD Protection Because of its fast response time, it can help shunt minor Electrostatic Discharge (ESD) events to ground before they reach more expensive integrated circuits (ICs). --- ### 4. Typical Circuit Integration When using this diode, a series resistor ($R_s$) is mandatory to limit the current flowing through the Zener to prevent thermal failure. ```c (Input Voltage Vin) | [ R_s ] | +---------- (Output 3.3V) | | [ ZD ] [Load] | | (GND) (GND) ```
    ✨ Follow-up Questions
    • ⤷What is the maximum current capacity of the ZD3.3L-CL2-R?
    • ⤷ How does temperature affect the Zener voltage of this specific diode?
    • ⤷ What are the common alternatives to the SOD-323 package for 3.3V Zeners?