Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ZD6.2L-CL2-R

  • AI
    The **ZD6.2L-CL2-R** is a specific surface-mount Zener diode. These components are primarily used for voltage regulation and protection against overvoltage in electronic circuits. --- ### 1. General Specifications The part number reveals key characteristics about its electrical behavior and physical form factor. | Parameter | Specification | Description | | :--- | :--- | :--- | | **Zener Voltage ($V_z$)** | 6.2V | The nominal voltage at which the diode begins to conduct in reverse bias. | | **Power Dissipation ($P_d$)** | ~200mW - 500mW | The maximum power the device can safely dissipate (varies by manufacturer). | | **Package Type** | SOD-323 / SOD-523 | Typically a small, leadless surface-mount package. | | **Configuration** | Single | A single diode in a two-terminal package. | | **Tolerance** | ±5% (Typical) | The precision of the 6.2V breakdown voltage. | --- ### 2. Breakdown of the Part Number While naming conventions can vary slightly between manufacturers (like ROHM or ON Semi), the code usually breaks down as follows: * **ZD**: Stands for **Zener Diode**. * **6.2**: Indicates the nominal Zener voltage of **6.2 Volts**. * **L**: Often denotes low leakage or specific electrical grading. * **CL2**: Refers to the internal manufacturer chip code or a specific lead-frame type. * **R**: Generally indicates **Tape and Reel** packaging for automated assembly. --- ### 3. Key Electronic Functions In a circuit, the ZD6.2L-CL2-R performs three primary roles: 1. **Voltage Regulation:** It maintains a constant 6.2V output even if the input voltage fluctuates, provided a current-limiting resistor is used. 2. **Voltage Clamping:** It protects sensitive ICs by "clamping" spikes. If the voltage exceeds 6.2V, the diode shunts the excess current to the ground. 3. **Reference Voltage:** It can be used as a stable reference point for comparator circuits or analog-to-digital converters. --- ### 4. Typical Application Circuit To use this diode safely, it must be placed in **reverse bias** with a series resistor ($R_s$) to limit the current ($I_z$). ```text Input Voltage (V_in) ----[ Rs ]----o---- Output Voltage (6.2V) | [ | ] ZD6.2L (Zener Diode) [ V ] | Ground ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current (Iz) this diode can handle before failing?
    • ⤷ Can this diode be used for ESD protection in high-speed data lines?
    • ⤷ What are the common manufacturer alternatives for the ZD6.2L-CL2-R?